Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSL Datasheet(PDF) 1 Page - FCL COMPONENTS LIMITED

Part # JSL
Description  1 POLE - 8A Polarized Latching Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED

JSL Datasheet(HTML) 1 Page - FCL COMPONENTS LIMITED

  JSL Datasheet HTML 1Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 2Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 3Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 4Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 5Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 6Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 7Page - FCL COMPONENTS LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
POWER RELAY
1 POLE - 8A Polarized Latching Type
JSL Series
RoHS Compliant
■ FEATURES
■ APPLICATIONS
■ PART NUMBERS
[Example]
JS
L - D 12 M N - K
(a) (b)
(c) (d) (e) (f)
(g)
(a)
Relay type
JS series
(b)
Operating function
L
: Latching
(c)
Coil type
Nil
D
: 1 coil
: 2 coils
(d)
Coil rated voltage
12
: 3....24VDC
See coil rating table
(e)
Contact configuration
Nil
M
: 1c (1 Form C)
: 1a (1 Form A)
(f)
Contact material
N
: AgSnO
2 + Au plated
(g)
Sealed type
K
: Plastic sealed type
Note: Actual marking omits the hyphen (-) .
• Small footprint
Width: 10mm
Height: 12.5mm
• High insulation
Insulation distance: 8.0mm (between coil and contacts)
Dielectric strength: 5,000VAC
Surge strength: 10,000V
• Plastic materials
UL 94 flame class V-0
• RoHS compliant
Smart meter, power saving equipment etc.


Similar Part No. - JSL

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
JSL FUJITSU-JSL Datasheet
974Kb / 6P
POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL FUJITSU-JSL Datasheet
387Kb / 6P
POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
POWER RELAY 1 POLE - 8A Polarized Latching Type
logo
Beijing Yaohuadechang E...
JSL045 YHDC-JSL045 Datasheet
5Mb / 1P
Open and close core leakage current (current) monitoring relay
JSL065 YHDC-JSL065 Datasheet
5Mb / 1P
Open and close core leakage current (current) monitoring relay
More results

Similar Description - JSL

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-1462000-5 MACOM-5-1462000-5 Datasheet
472Kb / 9P
2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
MT2RELAY MACOM-MT2RELAY Datasheet
274Kb / 9P
2 POLE TELECOM SIGNAL RELAY THROUGH HOLE TYPE(THT) NON-POLARIZED NON-LATCHING 1 COIL
logo
ZETTLER Electronics
AZ833P ZETTLER-AZ833P Datasheet
265Kb / 4P
MICROMINIATURE POLARIZED LATCHING RELAY
logo
fujitsu semiconductor
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
POWER RELAY 2 POLES - 8A Polarized Latching Relay
JSL FUJITSU-JSL Datasheet
974Kb / 6P
POWER RELAY 1 POLE - 8A Polarized Latching Type
logo
Tyco Electronics
V23101-D0101-A201 MACOM-V23101-D0101-A201 Datasheet
1Mb / 13P
1 pole PCB relay, non-polarized
logo
fujitsu semiconductor
JSL FUJITSU-JSL_11 Datasheet
387Kb / 6P
POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
POWER RELAY 1 POLE - 8A Polarized Latching Type
logo
Tyco Electronics
MT2-C93403 MACOM-MT2-C93403 Datasheet
488Kb / 9P
2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
logo
ZETTLER Electronics
AZ833P ZETTLER-AZ833P_13 Datasheet
294Kb / 4P
MICROMINIATURE POLARIZED LATCHING RELAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com