Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSL Datasheet(PDF) 3 Page - FCL COMPONENTS LIMITED

Part # JSL
Description  1 POLE - 8A Polarized Latching Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED

JSL Datasheet(HTML) 3 Page - FCL COMPONENTS LIMITED

  JSL Datasheet HTML 1Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 2Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 3Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 4Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 5Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 6Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 7Page - FCL COMPONENTS LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
JSL Series
■ COIL DATA
■ COIL DATA
■ PART NUMBER LIST
Note: All values in the table are valid at 20oC and zero contact current, unless otherwise specified.
*: Specified operated values are valid for pulse wave voltage.
Note: Please use at rated coil voltage. Please refer to characteristic data and set up adequate voltage in case of use at over voltage.
Care shall be taken on the heat generated on PC board when maximum carrying current exceeds 10A. Please perform the confirmation test with actual conditions.
Coil code
Coil rated
voltage
(VDC)
1 coil
2 coils
Coil resistance
(Ω) ±10%
Set/reset voltage
*1
(VDC)
Max. applicable
voltage
*1
(VDC)
Coil resistance
(Ω) ±10%
Set/resent
voltage
*1
(VDC)
Max. applicable
voltage
*1
(VDC)
3
3
41
2.4
5.4
19
2.4
5.4
5
5
114
4.0
9.0
53
4.0
9.0
12
12
655
9.6
21.2
300
9.6
21.2
24
24
2,304
19.2
42.2
1,200
19.2
42.2
Type
Compliance
UL
Flammability: UL 94-V0 (plastics)
UL standards
File No. E56140
8A, 24VDC (resistive)
8A, 250VAC (resistive)
CSA
CSA standards
File No. No. LR40304
VDE
IEC/EN standards
File No 40013847
8A, 24VDC (0ms)
8A, 250VAC (cosφ=1)
Part number
Coil
Contact configuration
Contact material
Sealing
JSL-( )MN-K
1 coil
1a (1 Form A)
AgSnO
2 + Au plated
Plastic sealed
JSL-( )N-K
1c (1 Form C)
JSL-D( )MN-K
2 coils
1a (1 Form A)
AgSnO
2 + Au plated
Plastic sealed
JSL-D( )N-K
1c (1 Form C)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com