Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSL Datasheet(PDF) 4 Page - FCL COMPONENTS LIMITED

Part # JSL
Description  1 POLE - 8A Polarized Latching Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED

JSL Datasheet(HTML) 4 Page - FCL COMPONENTS LIMITED

  JSL Datasheet HTML 1Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 2Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 3Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 4Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 5Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 6Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 7Page - FCL COMPONENTS LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
JSL Series
■ DIMENSIONS
7.62
1
0.25
0.4
3.2
0.24
0.4
3.2
22.1
(2.1)
0.8
12
3
54
Reset
3.2 3.2
22.1
(2.1)
7.62
1
0.25
10.3 max.
10.0 typ.
29.3 max.
29.0 typ.
29.3 max.
29.0 typ.
29.3 max.
29.0 typ.
29.3 max.
29.0 typ.
0.4
3.2
0.24
22.1
(2.1)
0.8
13
54
Set
Set
(+) -
(+) -
(-) +
(-) +
3.2
22.1
(2.1)
7.62
1
0.25
0.4
3.2
0.24
0.4
3.2
22.1
(2.1)
0.8
12
3
54
Set
Reset
3.2 3.2
22.1
(2.1)
7.62
1
0.25
0.4
3.2
0.24
22.1
(2.1)
0.8
13
54
Set
(+)
+
(-) -
(+)
+
(-) -
3.2
22.1
(2.1)
10.3 max.
10.0 typ.
10.3 max.
10.0 typ.
10.3 max.
10.0 typ.
JSL
JSL-DM
JSL-M
* Dimensions of the terminals do not include thickness of pre-soldering.
* Schematics: +/- = Set, (+)/(-) = Reset
* Tolerance of PC board mounting hole layout : ±0.1 unless otherwise specified.
Unit: mm
・Dimensions
・Schematics
(BOTTOM VIEW)
・Schematics
(BOTTOM VIEW)
・Schematics
(BOTTOM VIEW)
・Schematics
(BOTTOM VIEW)
・PC board mounting layout
(BOTTOM VIEW)
・Dimensions
・PC board mounting layout
(BOTTOM VIEW)
JSL-D
・Dimensions
・PC board mounting layout
(BOTTOM VIEW)
・Dimensions
・PC board mounting layout
(BOTTOM VIEW)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com