Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSL Datasheet(PDF) 2 Page - FCL COMPONENTS LIMITED

Part # JSL
Description  1 POLE - 8A Polarized Latching Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED

JSL Datasheet(HTML) 2 Page - FCL COMPONENTS LIMITED

  JSL Datasheet HTML 1Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 2Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 3Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 4Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 5Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 6Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 7Page - FCL COMPONENTS LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
JSL Series
■ SPECIFICATIONS
Item
Specifications
Remarks/Conditions
JSL (1 coil)
JSL-D (2 coils)
Contact
Data
Configuration
1c (1 Form C), 1a (1 Form A)
Construction
Single
Material
AgSnO
2 + Au plated
Resistance
Max.100mΩ at 6VDC, 1A
Contact rating
8A, 250VAC / 24VDC
Resistive
Max. carrying current
10A
Max. switching voltage
400VAC / 150VDC
Max. switching power
2000VA / 192W
Max. switching current
10A
Min. switching load
*1
100 mA, 5VDC
Coil
Rated power (20°C)
220 to 290mW
480mW
Operating temperature range
-40ºC to +85ºC (at rated voltage)
No frost
Time
Set/reset (at nominal coil voltage)
Max. 10ms
Without bounce, no diode
Applied pulse width
20ms to 1,000ms
Life
Mechanical
Min. 5 x 10
6 operations
Electrical (resistive)
Min. 50 x 10
3 operations
At rated load
Insulation Insulation resistance
Min. 1000MΩ at 500VDC
Dielectric
strength
Open contacts
1000VAC (50/60Hz), 1 minute
Coil to contacts
5000VAC (50/60Hz), 1 minute
Surge strength
Coil-contacts
10000V / 1.2 x 50μs standard wave
Clearance / Creepage
8mm / 8mm
Others
Vibration
resistance
Misoperation
10Hz to 55Hz to 10Hz single amplitude 1mm
Endurance
10Hz to 55Hz to 10Hz single amplitude 1.5mm
Shock resistance
Misoperation
Min. 100m/s² (11 ± 1ms)
Endurance
Min. 1,000m/s² (6 ± 1ms)
Dimensions / Weight
10.0 x 29.0 x 12.5 mm / approx. 8.0g
Sealing
Plastic sealed
*1: Minimum switching loads mentioned above are reference values. Please perform the confirmation test with actual load before production since reference values may
vary according to switching frequencies, environmental conditions and expected reliability levels



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com