Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSL Datasheet(PDF) 7 Page - FCL COMPONENTS LIMITED

Part # JSL
Description  1 POLE - 8A Polarized Latching Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED

JSL Datasheet(HTML) 7 Page - FCL COMPONENTS LIMITED

  JSL Datasheet HTML 1Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 2Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 3Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 4Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 5Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 6Page - FCL COMPONENTS LIMITED JSL Datasheet HTML 7Page - FCL COMPONENTS LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
JSL Series
Contact
Japan
FCL COMPONENTS LIMITED
Shinagawa Seaside Park Tower
12-4, Higashi-shinagawa 4-chome,
Tokyo 140 0002, Japan
Tel: +81-3-3450-1682
Email: fcl-contact@cs.fcl-components.com
North and South America
FCL COMPONENTS AMERICA, INC.
2055 Gateway Place Suite 480,
San Jose, CA 95110 USA
Tel: +1-408-745-4900
Email: fcai.components@fcl-components.com
Europe
FCL COMPONENTS EUROPE B.V.
Diamantlaan 25
2132 WV Hoofddorp, Netherlands
Tel: +31-23-556-0910
Email: info.fceu@cs.fcl-components.com
Asia Pacific
FCL COMPONENTS ASIA PTE LTD.
51 Changi Business Park Central 2, #06-07
The Signature Singapore 486066
Tel: +65-6375-8560
Email: fcal@fcl-components.com
China
FCL COMPONENTS (SHANGHAI) CO.,LTD.
Unit 1105, Central Park - Jing An,
No.329 Heng Feng Road, Shanghai
200070, China
Tel: +86-21-3253 0998
Email: fcsh@fcl-components.com
Hong Kong
FCL COMPONENTS HONG KONG CO.,
LIMITED
Unit 2313, Seapower Tower, Concordia
Plaza, No.1 Science Museum Road,
TST, Kowloon, Hong Kong
Tel: +852-2881-8495
Email: fcal@fcl-components.com
Web: www.fcl-components.com/en
© 2025 FCL Components Limited. All rights reserved. All trademarks or registered trademarks are the property of their respective owners.
FCL Components Products are intended for general use, including without limitation, in personal, household and office environments, in
buildings and for ordinary use in the industry. FCL Components Products are not intended to be used in applications where extremely high
safety is required (”High Safety Required Applications”), such as, but not limited to, applications in nuclear facilities, in aircraft automatic flight
control, in air traffic control, in mass transit system control, in missile launch system, in weapon systems, in medical equipment for life support
or any application involving a direct serious risk of physical injury or death.
Please do not use FCL Components Products without securing the sufficient safety and reliability required for the High Safety Required
Applications.
In addition, FCL Components shall not be liable against the customer and/or any third party for any claims or damages arising in connection
with the use of FCL Components Products in the High Safety Required Applications.
FCL Components warrants that its Products, if properly used and services, will conform to their specification and will be free from defects in
material and workmanship for twelve months from delivery.
The implied warranties of merchantability and fitness for a particular purpose and all other warranties, representations and conditions, express
or implied by statute, trade usage or otherwise, expect as set forth in this warranty, are excluded and shall not apply to the Products delivered.
The contents, data and information in this datasheet are provided by FCL Components Limited as a service only to its user and only for
general information purposes. The use of the contents, data and information provided in this datasheet is at the users’ own risk.
FCL Components has assembled this datasheet with care and will endeavor to keep the contents, data and information correct, accurate,
comprehensive, complete and up to date.
FCL Components Limited and affiliated companies do however not accept any responsibility or liability on their behalf, nor on behalf of its
employees, for any loss or damage, direct, indirect or consequential, with respect to this datasheet, its contents, data, and information and
related graphics and the correctness, reliability, accuracy, comprehensiveness, usefulness, availability and completeness thereof. Nor do
FCL Components Limited and affiliated companies accept on their behalf, nor on behalf of its employees, any responsibility or liability with
respect to these datasheets, its contents, data, information and related graphics and the correctness, reliability, accuracy, comprehensiveness,
usefulness, availability and completeness thereof. Rev. April 22, 2025.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com