Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6567 Datasheet (PDF) - STMicroelectronics

L6567 Datasheet PDF - STMicroelectronics
Part # L6567
Download  L6567 Download
File Size   115.28 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH VOLTAGE DRIVER FOR CFL

L6567 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6567 Datasheet PDF - STMicroelectronics

Part # L6567
Download  L6567 Click to download

File Size   115.28 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH VOLTAGE DRIVER FOR CFL

L6567 Datasheet (HTML) - STMicroelectronics


L6567 Product details

DESCRIPTION
The device is a monolithic high voltage integrated circuit designed to drive CFL and small TL lamps with a minimum part count.
It provides all the necessary functions for proper preheat, ignition and steady state operation of the lamp:

♦ variable frequency oscillator;
♦ settable preheating and ignition time;
♦ capacitive mode protection;
♦ lamp power independent from mains voltage variation.

Besides the control functions, the IC provides the level shift and drive function for two external power MOS FETs in a half-bridge topology.

■ BCD-OFF LINE TECHNOLOGY
■ FLOATING SUPPLY VOLTAGE UP TO 570V
■ GND REFERRED SUPPLY VOLTAGE UP TO 18V
■ UNDER VOLTAGE LOCK OUT
■ CLAMPING ON Vs
■ DRIVER CURRENT CAPABILITY:
   30mA SOURCE
   70mA SINK
■ PREHEAT AND FREQUENCY SHIFT TIMING




Similar Part No. - L6567

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6560 STMICROELECTRONICS-L6560 Datasheet
123Kb / 11P
POWER FACTOR CORRECTOR
Jun-2000
L6560A STMICROELECTRONICS-L6560A Datasheet
123Kb / 11P
POWER FACTOR CORRECTOR
Jun-2000
L6560AD STMICROELECTRONICS-L6560AD Datasheet
123Kb / 11P
POWER FACTOR CORRECTOR
Jun-2000
L6560D STMICROELECTRONICS-L6560D Datasheet
123Kb / 11P
POWER FACTOR CORRECTOR
Jun-2000
L6561 STMICROELECTRONICS-L6561 Datasheet
180Kb / 11P
POWER FACTOR CORRECTOR
Apr-1999
More results


Similar Description - L6567

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2021 PHILIPS-UBA2021 Datasheet
102Kb / 20P
630 V driver IC for CFL and TL lamps
2001 Jan 30
logo
STMicroelectronics
VK05CFL STMICROELECTRONICS-VK05CFL Datasheet
310Kb / 14P
ELECTRONIC DRIVER FOR CFL APPLICATION
rev. A
VK05CFL STMICROELECTRONICS-VK05CFL_03 Datasheet
311Kb / 14P
ELECTRONIC DRIVER FOR CFL APPLICATION
Dec-2003
logo
NXP Semiconductors
UBA2025 NXP-UBA2025 Datasheet
352Kb / 17P
CFL power IC
Rev. 01-16 October 2009
UBA2021 NXP-UBA2021 Datasheet
107Kb / 16P
630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
UBA2211 NXP-UBA2211 Datasheet
175Kb / 19P
Half-bridge power IC family for CFL lamps
Rev. 2-3 January 2011
UBA2021 PHILIPS-UBA2021_08 Datasheet
107Kb / 16P
630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
UBA2024 PHILIPS-UBA2024_10 Datasheet
448Kb / 17P
Half-bridge power IC for CFL lamps
Rev. 6.2-1 November 2010
logo
STMicroelectronics
L6574 STMICROELECTRONICS-L6574 Datasheet
169Kb / 10P
CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
Sep-2003
logo
NXP Semiconductors
AN_UBA2024T PHILIPS-AN_UBA2024T_15 Datasheet
400Kb / 18P
CFL applications
2003-August-25
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com