Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6567 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6567
Description  HIGH VOLTAGE DRIVER FOR CFL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6567 Datasheet(HTML) 5 Page - STMicroelectronics

  L6567 Datasheet HTML 1Page - STMicroelectronics L6567 Datasheet HTML 2Page - STMicroelectronics L6567 Datasheet HTML 3Page - STMicroelectronics L6567 Datasheet HTML 4Page - STMicroelectronics L6567 Datasheet HTML 5Page - STMicroelectronics L6567 Datasheet HTML 6Page - STMicroelectronics L6567 Datasheet HTML 7Page - STMicroelectronics L6567 Datasheet HTML 8Page - STMicroelectronics L6567 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5/15
L6567
(*) Before starting the first commutation; when switching 6V is guaranteed.
General operation
The L6567 uses a small amount of current from a supply resistor(s) to start the operation of the IC. Once start
up condition is achieved, the IC turns on the lower MOS transistor of the half bridge which allows the bootstrap
capacitor to charge. Once this is achieved, the oscillator begins to turn on the upper and lower MOS transistors
at high frequency, and immediately ramps down to a preheat frequency. During this stage, the IC preheats the
lamp and after a predetermined time ramps down again until it reaches the final operating frequency. The IC
monitors the current to determine if the circuit is operating in capacitive mode. If capacitive switching is detected,
the IC increases the output frequency until zero-voltage switching is resumed.
Startup and supply in normal operation
At start up the L6567 is powered via a resistor connected to the RHV pin (pin 13) from the rectified mains. The
current charges the CS capacitor connected to the VS pin (pin 5). When the VS voltage reaches the threshold
VSLOW1 (max 6V), the low side MOS transistor is turned on while the high side one is kept off. This condition
assures that the bootstrap capacitor is charged. When VS HIGH1 threshold is reached the oscillator starts, and
the RHV pin does not provide anymore the supply current for the IC (see fig.1).
G2DON
On Delay of G2 Output
1.05
1.4
1.75
µs
Ratio between Delay Time +
Conduction Time of G1 and G2
IRHV = 1mA; Cl = 5V
Cl = 0V
0.87
0.77
1.15
1.30
LOW SIDE DRIVER SECTION
Ron G2 so
G2 Source Output Resistance
VS = 12V, V = 3V
80
190
Ω
Ron G2 si
G2 Sink Output Resistance
VS = 12V, V = 3V
65
125
Ω
Ron G1 so
G1 Source Output Resistance
VS = 10V, V = 3V
80
190
Ω
Ron G1 si
G1 Sink Output Resistance
VS = 10V, V = 3V
65
125
Ω
HIGH SIDE DRIVER SECTION
IFSLK
Leakage Current of FS PIN to
GND
VFS = 568V; G1 = L
VFS = 568V; G1 = H
5
5
µA
µA
IS1 LK
Leakage Current of S1 PIN to
GND
VS1 = 568V; G1 = L
VS1 = 568V; G1 = H
5
5
µA
µA
BOOTSTRAP SECTION
Boot Th
BOOTSTRAP Threshold
VS = 10.6V before turn on
5 (*)
V
AVERAGE RESISTOR
RAVERAGE
Average Resistor
27
38.5
50
k
Ω
Symbol
Parameter
Test Conditio n
Min.
Typ.
Max.
Unit
G1
DON
G1
ON
+
G2
DON
G2
ON
+
-------------------------------------------
ELECTRICAL CHARACTERISTCS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com