Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6567 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6567
Description  HIGH VOLTAGE DRIVER FOR CFL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6567 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6567 Datasheet HTML 2Page - STMicroelectronics L6567 Datasheet HTML 3Page - STMicroelectronics L6567 Datasheet HTML 4Page - STMicroelectronics L6567 Datasheet HTML 5Page - STMicroelectronics L6567 Datasheet HTML 6Page - STMicroelectronics L6567 Datasheet HTML 7Page - STMicroelectronics L6567 Datasheet HTML 8Page - STMicroelectronics L6567 Datasheet HTML 9Page - STMicroelectronics L6567 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
L6567
6/15
Figure 1. Start up
Oscillator
The circuit starts oscillating when the voltage supply VS has reached the VS HIGH1 threshold. In steady state
condition the oscillator capacitor CF (at pin 12) is charged and discharged symmetrically with a current set main-
ly by the external resistor RREF connected to pin 10. The value of the frequency is determined by capacitor CF
and resistor RREF. This fixed value is called FMIN. A dead time TDT between the ON phases of the transistors
is provided for avoiding cross conduction, so the duty cycle for each is less than 50%. The dead time depends
on RREF value (fig. 7).
The IC oscillating frequency is between FMIN and FMAX = 2.5 · FMIN in all conditions.
Preheating mode
The oscillator starts switching at the maximum frequency FMAX. Then the frequency decreases at once to reach
the programmed preheating frequency (fig.2). The rate of decreasing (df/dt) is determined by the external ca-
pacitor CI (pin 14). The preheat time TPRE is adjustable with external components (RREF and CP). The preheat
current is adjusted by sense resistance RSHUNT. During the preheating time the load current is sensed with the
sense resistor RSHUNT (connected between pin 9-RS- and pin 7-PGND-). At pin 9 the voltage drop on RSHUNT
is sensed at the moment the low side MOS FET is turned off. There is an internal comparator with a fixed thresh-
old VPH:if VRS >VPH the frequency is decreased and if VRS <VPH the frequency is increased. If the VPH thresh-
old is reached, the frequency is held constant for the programmed preheating time TPRE.
TPRE is determined by the external capacitor CP (pin8) and by the resistor RREF:CP is charged 16 times with a
current that depends on RREF, and these 16 cycles determine the TPRE.
So the preheat mode is programmable with external components as far as TPRE is concerned (RREF &CP) and
as far as the preheating current is concerned (choosing properly RSHUNT and the resonant load components:
Land CL).
The circuit is held in the preheating mode when pin 8 (CP) is grounded.
In case FMIN is reached during preheat, the IC assumes an open load. Consequently the oscillation stops with
the low side MOS transistor gate on and the high side gate off. This condition is kept until V
S undershoots VSLOW1.
VSLOW1
VSHIGH1
VG
low side mosfet
VG
-VS
high side mosfet
CF
VS
TDT
TIME
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com