Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6567 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6567
Description  HIGH VOLTAGE DRIVER FOR CFL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6567 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6567 Datasheet HTML 7Page - STMicroelectronics L6567 Datasheet HTML 8Page - STMicroelectronics L6567 Datasheet HTML 9Page - STMicroelectronics L6567 Datasheet HTML 10Page - STMicroelectronics L6567 Datasheet HTML 11Page - STMicroelectronics L6567 Datasheet HTML 12Page - STMicroelectronics L6567 Datasheet HTML 13Page - STMicroelectronics L6567 Datasheet HTML 14Page - STMicroelectronics L6567 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
L6567
12/15
Figure 11. Frequency vs IRHV @CF= 150pF
Figure 12. FMIN: measurements and calculations
Figure 13. FFEED FORWARD: measurements and
calculations
0.20
0.40
0.60
0.80
1.00
1.20
Ir h v [m A ]
20.00
40.00
60.00
80.00
Rref= 20 K
Rref= 22 K
Rr ef= 24 K
R re f= 27K
R re f= 30K
R r ef= 33K
Rr ef= 36 K
R r ef= 39K
Rr ef=4 3 K, 47K , 51 K
20 .0 0
30.00
40.00
50 .0 0
R ref [ K ohm ]
0.00
20 .0 0
40 .0 0
60 .0 0
80 .0 0
100.00
C f= 82pF
C f=100p F
C f=120pF
C f=15 0pF
m eas ura m ents
F m in= 1/(8 *C f*R ref)
0. 40
0 .60
0.80
1. 00
1.2 0
Irh v [ m A ]
0. 00
10000. 00
20000. 00
30000. 00
40000. 00
50000. 00
60000. 00
70000. 00
80000. 00
90000. 00
100000. 00
110000. 00
120000. 00
m eas u re m en ts
c a lc ulatio ns ( 1/121)*Ir hv /C f
Cf= 8 2pF
Cf= 1 00p F
C f= 120pF
Cf= 1 50p F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com