Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6567 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6567
Description  HIGH VOLTAGE DRIVER FOR CFL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6567 Datasheet(HTML) 2 Page - STMicroelectronics

  L6567 Datasheet HTML 1Page - STMicroelectronics L6567 Datasheet HTML 2Page - STMicroelectronics L6567 Datasheet HTML 3Page - STMicroelectronics L6567 Datasheet HTML 4Page - STMicroelectronics L6567 Datasheet HTML 5Page - STMicroelectronics L6567 Datasheet HTML 6Page - STMicroelectronics L6567 Datasheet HTML 7Page - STMicroelectronics L6567 Datasheet HTML 8Page - STMicroelectronics L6567 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
L6567
2/15
PIN FUNCTION
PIN CONNECTION (Top view)
N
°
Pin
Description
1FS
Floating Supply of high side driver
2
G1
Gate of high side switch
3
S1
Source of high side switch
4
NC
High Voltage Spacer. (Should be not connected)
5VS
Supply Voltage for GND level control and drive
6
G2
Gate of low side switch
7
PGND
Power Ground
8
CP
First timing (TPRE TIGN), then averaging the ripple in the representation of the HVB (derived
through RHV).
9RS
RSHUNT: current monitoring input
10
RREF
Reference resistor for current setting
11
SGND
Signal Ground. Internally Connected to PGND
12
CF
Frequency setting capacitor
13
RHV
Start-up supply resistor, then supply voltage sensing.
14
CI
Timing capacitor for frequency shift
FS
G1
S1
N.C.
VS
PGND
G2
CP
RREF
RS
SGND
CF
RHV
CI
1
3
2
4
5
6
7
12
11
10
9
8
13
14
D96IN440



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com