Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6567 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6567
Description  HIGH VOLTAGE DRIVER FOR CFL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6567 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6567 Datasheet HTML 5Page - STMicroelectronics L6567 Datasheet HTML 6Page - STMicroelectronics L6567 Datasheet HTML 7Page - STMicroelectronics L6567 Datasheet HTML 8Page - STMicroelectronics L6567 Datasheet HTML 9Page - STMicroelectronics L6567 Datasheet HTML 10Page - STMicroelectronics L6567 Datasheet HTML 11Page - STMicroelectronics L6567 Datasheet HTML 12Page - STMicroelectronics L6567 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9/15
L6567
Other easy formulas fit rather well:
TDT ≅ 46.75 · 10
^-12 ·RREF
TPRE ≅ 224 · CP ·RREF
As far as df/dt is concerned, there are no easy formulas that fit the relation between CF,RF, and CI.CI is charged
and discharged by three different currents that are derived from different mirroring ratios by the current flowing
on RREF. The voltage variations on CI are proportional to the current that charges CF, that is to say they are
proportional to df/dt.
The values obtained in the testing conditions (CI = 100nF) are:
during preheating and working conditions the typical frequency increase is ~ 20KHz/ms, the typical decrease is
~-10Khz/ms;
During ignition the frequency variation is ~ -200Hz/ms.
If slower variations are needed, CI has to be increased.
Due to these tight relationships, it is recommended to follow a precise procedure: first RHV has to be chosen
looking at startup current needs and dissipation problems. Then the feed forward frequency range has to be
determined, and so CF is set.
Given a certain CF,RREF is set in order to fix FMIN. Now CP can be chosed to set the desired TPRE and TIGN.
The other external parameters (RSHUNT and CI) can be chosen at the end because they are just related to a
single circuit parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com