Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6567 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6567
Description  HIGH VOLTAGE DRIVER FOR CFL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6567 Datasheet(HTML) 3 Page - STMicroelectronics

  L6567 Datasheet HTML 1Page - STMicroelectronics L6567 Datasheet HTML 2Page - STMicroelectronics L6567 Datasheet HTML 3Page - STMicroelectronics L6567 Datasheet HTML 4Page - STMicroelectronics L6567 Datasheet HTML 5Page - STMicroelectronics L6567 Datasheet HTML 6Page - STMicroelectronics L6567 Datasheet HTML 7Page - STMicroelectronics L6567 Datasheet HTML 8Page - STMicroelectronics L6567 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3/15
L6567
ABSOLUTE MAXIMUM RATINGS
NOTES: (1) Do not exceed package thermal dissipation limi ts
(2) For VS
≤ VS high 1
(3) For VS > VS high 1
(4) Internally Limited
Note: ESD immunity for pins 1, 2 and 3 is guaranteed up to 900 V (Human Body Model)
Symbol
Parameter
Value
Unit
VS
Low Voltage Supply
18 (1)
V
VRHV
Mains Voltage Sensing
VS +2VBE (2)
VCP
Preheat/Averaging
5
V
VCF
Oscillator Capacitor Voltage
5
V
VCI
Frequency Shift Capacitor Voltage
5
V
VRREF
Reference Resistor Voltage
5
V
VRS
Current Sense Input Voltage
-5 to 5
V
transient 50ns
-15
V
VG2
Low Side Switch Gate Output
18
V
VS1
High Side Switch Source Output: normal operation
-1 to 373
V
0.5sec mains transient
-1 to 550
V
VG1
High Side Switch Gate Output: normal operation
-1 to 391
V
0.5sec mains transient
-1 to 568
V
with respect to pin S1
Vbe to VS
V
VFS
Floating Supply Voltage: normal operation
391
V
0.5sec mains transient
568
V
VFS/S1
Floating Supply vs S1 Voltage
18
V
∆VFS/∆T
VFS Slew Rate (Repetitive)
-4 to 4
V/ns
∆VS1/∆T
VS1 Slew Rate (Repetitive)
-4 to 4
V/ns
IRHV
Current Into RHV
3 (3)
mA
IVs
Clamped Current into VS
200 (4)
mA
Tstg
Storage Temperature
-40 to 150
°C
Tj
Junction Temperature
-40 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com