Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6567 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6567
Description  HIGH VOLTAGE DRIVER FOR CFL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6567 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6567 Datasheet HTML 7Page - STMicroelectronics L6567 Datasheet HTML 8Page - STMicroelectronics L6567 Datasheet HTML 9Page - STMicroelectronics L6567 Datasheet HTML 10Page - STMicroelectronics L6567 Datasheet HTML 11Page - STMicroelectronics L6567 Datasheet HTML 12Page - STMicroelectronics L6567 Datasheet HTML 13Page - STMicroelectronics L6567 Datasheet HTML 14Page - STMicroelectronics L6567 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11/15
L6567
Figure 5. Working frequency vs IRHV
@RREF = 30Kohm
Figure 6. Frequency vs CF @RREF=30Kohm
Figure 7. TDT vs RREF @CF = 100pF
Figure 8. Frequency vs IRHV @CF = 82pF
Figure 9. Frequency vs IRHV @CF=100pF
Figure 10. Frequency vs IRHV @CF=120pF
0.20
0.40
0.60
0.80
1.00
1.20
Irh v [m A ]
10.00
20.00
30.00
50.00
60.00
70.00
90.00
100.00
110.00
130.00
140.00
150.00
0.00
40.00
80.00
120.00
160.00
C f= 47pF
R ref= 30Kohm
Cf= 56p F
Cf= 6 8p F
C f= 82pF
Cf= 100 pF
Cf= 120 pF
Cf=15 0pF
Cf=1 80 pF
Cf=22 0pF
60 .0 0
1 00 .0 0
140.00
180.00
220.00
40 .0 0
80.00
120.00
160.0 0
200.0 0
240.00
Cf [ p F ]
10. 00
20. 00
30. 00
50. 00
60. 00
70. 00
90. 00
100. 00
110. 00
130. 00
140. 00
150. 00
0.00
40 .0 0
80 .0 0
120.00
160.00
I = 0. 5m A
I= 0 .7 5 m A )
I= 1 m A
R ref= 30K ohm
20 .00
30 .00
4 0.0 0
50.00
6 0.0 0
R ref [ K ohm ]
0.80
1.20
1.60
2.00
2.40
Td t [m e as ured data]
T d t [ca lc ulated da ta]
0.20
0.40
0 .60
0.80
1.00
1.20
Irh v [m A ]
40.00
60.00
80.00
100.00
120.00
Rr ef= 20 K
Rr ef= 22 K
R re f= 24K
Rre f=2 7K
R ref= 30K
R re f= 33K
Rr ef= 36 K
R ref= 39K , 43K, 4 7K , 5 1K
0.20
0.40
0.60
0.80
1.00
1.20
Ir h v [m A ]
20.0 0
40.0 0
60.0 0
80.0 0
10 0.0 0
Rre f= 2 0 K
R r ef = 22K
Rr ef = 24K
R ref = 2 7K
R ref = 30K
R ref = 33K
R ref = 3 6K
R ref = 3 9K ,4 3K
0 .20
0 .40
0.60
0.80
1.00
1.20
Ir h v [ m A ]
20 .0 0
40 .0 0
60 .0 0
80 .0 0
Rr ef = 20 K
Rre f = 2 2 K
Rr e f = 24 K
Rre f = 2 7 K
R ref= 3 0K
Rr e f = 33 K
R ref = 36K
Rre f = 3 9 K
R r ef= 43K , 4 7K, 51K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com