Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6567 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6567
Description  HIGH VOLTAGE DRIVER FOR CFL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6567 Datasheet(HTML) 1 Page - STMicroelectronics

  L6567 Datasheet HTML 1Page - STMicroelectronics L6567 Datasheet HTML 2Page - STMicroelectronics L6567 Datasheet HTML 3Page - STMicroelectronics L6567 Datasheet HTML 4Page - STMicroelectronics L6567 Datasheet HTML 5Page - STMicroelectronics L6567 Datasheet HTML 6Page - STMicroelectronics L6567 Datasheet HTML 7Page - STMicroelectronics L6567 Datasheet HTML 8Page - STMicroelectronics L6567 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
L6567
January 2000
This is preliminary information on a new product now in development. Details are subject to change without notice.
n
BCD-OFF LINE TECHNOLOGY
n
FLOATING SUPPLY VOLTAGE UP TO 570V
n
GND REFERRED SUPPLY VOLTAGE UP TO
18V
n
UNDER VOLTAGE LOCK OUT
n
CLAMPING ON Vs
n
DRIVER CURRENT CAPABILITY:
30mA SOURCE
70mA SINK
n
PREHEAT AND FREQUENCY SHIFT TIMING
DESCRIPTION
The device is a monolithic high voltage integrated cir-
cuit designed to drive CFL and small TL lamps with a
minimum part count.
It provides all the necessary functions for proper pre-
heat, ignition and steady state operation of the lamp:
♦ variable frequency oscillator;
♦ settable preheating and ignition time;
♦ capacitive mode protection;
♦ lamp power independent from mains voltage variation.
Besides the control functions, the IC provides the lev-
el shift and drive function for two external power MOS
FETs in a half-bridge topology.
SO14
DIP14
ORDERING NUMBERS:
L6567D
L6567
HIGH VOLTAGE DRIVER FOR CFL
BLOCK DIAGRAM
L
FEED FORWARD
VCO +
FREQ. SHIFTING
VOLTAGE
REFERENCE
BIAS
CURRENT
GENERATOR
C
S
C
f
C
i
CI
CF
V
S
to
comp.
14
12
5
13
PREHEATING
TIMING
LOGIC
RHV
Rhv
Vhv
Cp/Cav
C
10
11
8
CP
LEVEL
SHIFTING
HIGH
SIDE
DRIVER
VS
F
S
G1
S1
1
2
3
LOW
SIDE
DRIVER
T1
6
7
9
Vhv
Chv
Chv
MAINS
T2
Rshunt
G2
PGND
RS
RREF
Ref
D96IN441B
Lamp
CL
SGND
MULTIPOWER BCD TECHNOLOGY


Similar Part No. - L6567

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6560 STMICROELECTRONICS-L6560 Datasheet
123Kb / 11P
POWER FACTOR CORRECTOR
Jun-2000
L6560A STMICROELECTRONICS-L6560A Datasheet
123Kb / 11P
POWER FACTOR CORRECTOR
Jun-2000
L6560AD STMICROELECTRONICS-L6560AD Datasheet
123Kb / 11P
POWER FACTOR CORRECTOR
Jun-2000
L6560D STMICROELECTRONICS-L6560D Datasheet
123Kb / 11P
POWER FACTOR CORRECTOR
Jun-2000
L6561 STMICROELECTRONICS-L6561 Datasheet
180Kb / 11P
POWER FACTOR CORRECTOR
Apr-1999
More results

Similar Description - L6567

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2021 PHILIPS-UBA2021 Datasheet
102Kb / 20P
630 V driver IC for CFL and TL lamps
2001 Jan 30
logo
STMicroelectronics
VK05CFL STMICROELECTRONICS-VK05CFL Datasheet
310Kb / 14P
ELECTRONIC DRIVER FOR CFL APPLICATION
rev. A
VK05CFL STMICROELECTRONICS-VK05CFL_03 Datasheet
311Kb / 14P
ELECTRONIC DRIVER FOR CFL APPLICATION
Dec-2003
logo
NXP Semiconductors
UBA2025 NXP-UBA2025 Datasheet
352Kb / 17P
CFL power IC
Rev. 01-16 October 2009
UBA2021 NXP-UBA2021 Datasheet
107Kb / 16P
630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
UBA2211 NXP-UBA2211 Datasheet
175Kb / 19P
Half-bridge power IC family for CFL lamps
Rev. 2-3 January 2011
UBA2021 PHILIPS-UBA2021_08 Datasheet
107Kb / 16P
630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
UBA2024 PHILIPS-UBA2024_10 Datasheet
448Kb / 17P
Half-bridge power IC for CFL lamps
Rev. 6.2-1 November 2010
logo
STMicroelectronics
L6574 STMICROELECTRONICS-L6574 Datasheet
169Kb / 10P
CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
Sep-2003
logo
NXP Semiconductors
AN_UBA2024T PHILIPS-AN_UBA2024T_15 Datasheet
400Kb / 18P
CFL applications
2003-August-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com