Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M494B1 Datasheet (PDF) - STMicroelectronics

M494B1 Datasheet PDF - STMicroelectronics
Part # M494B1
Download  M494B1 Download
File Size   223.99 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE-CHIP VOLTAGE TUNING SYSTEM WITH 4 ANALOG CONTROLS AND mP INTERFACE

M494B1 Datasheet (PDF)

Go To PDF Page Download Datasheet
M494B1 Datasheet PDF - STMicroelectronics

Part # M494B1
Download  M494B1 Click to download

File Size   223.99 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE-CHIP VOLTAGE TUNING SYSTEM WITH 4 ANALOG CONTROLS AND mP INTERFACE

M494B1 Datasheet (HTML) - STMicroelectronics


M494B1 Product details

Description
The M494 is a monolithic LSI integrated circuit fabricatedin SGS-THOMSON’s EPM2 process; an N-channel, Planox, double poly MOS process capable of including a floating gate NV memory cell (EEPROM). The i.c. has been designed as a complete digital TV tuning system based on the voltage synthesis principle and as a replacementfor all the conventional potentiometers and band switches particularly in low cost TV sets. It also provides some functions normally only associated with higher cost sets. NV memory is integrated on the chip together withall the necessarycontrolcircuitry to providethe program memory. Separate NV memory is also integrated to provide the memory for four analog controls. A seven segment LED display can be directly driven by the chip to display the program selected, and the direction of movement of the analog controls. Provision is made for a remote control receiver both on and off chip, the latter is interfaced via a data input and single control line. (This enables control by a microprocessor). A local keyboard can be used with the device in a variety of configurations. An option select pin provides for different program number options, power up options and skip associated functions. This device is another significant step towards the complete integration of TV control circuitry. The device is packaged in a 40 pin DIL plastic




Similar Part No. - M494B1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M49465 VISHAY-M49465 Datasheet
109Kb / 3P
Wirewound Resistors, Precision Power, Low Value, Military,
21-Apr-2021
M4946501 VISHAY-M4946501 Datasheet
109Kb / 3P
Wirewound Resistors, Precision Power, Low Value, Military,
21-Apr-2021
M4946506 VISHAY-M4946506 Datasheet
109Kb / 3P
Wirewound Resistors, Precision Power, Low Value, Military,
21-Apr-2021
M4946507 VISHAY-M4946507 Datasheet
109Kb / 3P
Wirewound Resistors, Precision Power, Low Value, Military,
21-Apr-2021
More results


Similar Description - M494B1

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17010 NEC-UPD17010 Datasheet
1Mb / 424P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE DEDICATED TO DIGITAL TUNING SYSTEM
UPD17016 NEC-UPD17016 Datasheet
1Mb / 324P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
UPD17072 NEC-UPD17072 Datasheet
1Mb / 226P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17704 NEC-UPD17704 Datasheet
1Mb / 356P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17717 NEC-UPD17717 Datasheet
1Mb / 408P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17933 NEC-UPD17933 Datasheet
1,022Kb / 252P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
logo
STMicroelectronics
M491B STMICROELECTRONICS-M491B Datasheet
135Kb / 16P
SINGLE-CHIP VOLTAGE SYNTHESIS TUNING SYSTEM WITH 1 ANALOG CONTROL
Sep-1992
M490B STMICROELECTRONICS-M490B Datasheet
1Mb / 23P
SINGLE CHIP VOLTAGE SYNTHESIS TUNING SYSTEMS WITH 1 ANALOG CONTROL
logo
Renesas Technology Corp
PD17P709A RENESAS-PD17P709A_15 Datasheet
390Kb / 38P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PD17012 RENESAS-PD17012_15 Datasheet
1Mb / 320P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com