Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M494B1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M494B1
Description  SINGLE-CHIP VOLTAGE TUNING SYSTEM WITH 4 ANALOG CONTROLS AND mP INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M494B1 Datasheet(HTML) 3 Page - STMicroelectronics

  M494B1 Datasheet HTML 1Page - STMicroelectronics M494B1 Datasheet HTML 2Page - STMicroelectronics M494B1 Datasheet HTML 3Page - STMicroelectronics M494B1 Datasheet HTML 4Page - STMicroelectronics M494B1 Datasheet HTML 5Page - STMicroelectronics M494B1 Datasheet HTML 6Page - STMicroelectronics M494B1 Datasheet HTML 7Page - STMicroelectronics M494B1 Datasheet HTML 8Page - STMicroelectronics M494B1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
STATIC ELECTRICAL CHARACTERISTICS (Tamb =0 to 70
°C, VDD = 5V unless otherwise specified)
Pins
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Memory Supply
IPP
Memory Supply
Current
VPP = 25V
Write Peak
Write Average
Erase Peak
Erase Average
Read Peak
Read Average
35
10
9
5
8
2.5
mA
mA
mA
mA
mA
mA
R
Pull Down
25
k
Memory Timing
VOL
VDD = 4.75V, IOL = 2.5mA
8
V
IO(off)
Leakage
VDD = 4.75V, VO = 26V
100
µA
Tuning
VOL
VDD = 4.75V, IOL = 5mA
1
V
VDD
IDD
Supply Current
VDD = 5.25V
100
mA
RC
VI
pk to pk
0.5
13.2
V
FB/sync. Coin. Input
VIL
0.8
V
VIH
2.0
V
IIL
VDD = 5.25V, VIL = 0.8V
– 0.4
mA
R
Pull up
30
k
Vol. Brigh. Sat.
Contr. DACs
VOL
VDD = 4.75V, IOL = 4mA
1
V
IO(off)
VDD = 5.25V, VO = 13.2V
50
µA
h+ i
VIL
1.5
V
VIH
3.5
V
IIL
VDD = 5.25V, VIL = 1.5V
– 50
µA
R
Pull up
200
k
VOH
VDD = 4.75V, IOL = 30mA
1.5
V
D0, D1
D2, D3
D4
VIL
1.5
V
VIH
3.5
V
IIL
VDD = 5.25V, VIL = 1.5V
– 0.4
mA
VOL
VDD = 4.75V, IOL = 1mA
0.4
V
IO(off)
VO(off) = 5.5V
25
µA
R
Pull up
30
K
MS0, MS1 AFC
def. AV0, AV1
VOL
VDD = 4.75V, IOL = 1mA
0.4
V
IO(off)
VDD = 5.25V, VO 13.2V
50
µA
Option Select
VIL
1.5
V
VIH
3.5
V
IIL
VDD = 5.25V, VIL = 1.5V
– 0.4
mA
R
Pull up
30
k
Standby
VOL
VDD = 4.75V, IOL = 100
µA
0.4
V
IO
VDD = 4.75V, VO = 0.7V
1.6
mA
a, b, c, d, e, f, g
VIL
1.5
V
VIH
3.5
V
IIL
VDD = 5.25V, VIL = 1.5V
– 50
µA
R
Pull up
200
k
VOL
VDD = 4.75V, IOL = 15mA
1.5
V
Display Drive
VOL
VDD = 4.75V, IOL = 5mA
0.4
V
IO(off)
VDD = 5.25V, VO = 13.2V
50
µA
UHF, III, I, CATV
VOL
VDD = 4.75V, IOL = 1mA
3
V
VOH
VDD = 4.75V, IOH = – 150
µA
2.4
V
VIL
1.5
V
VIH
3.5
V
IO(off)
VDD = 5.25V, VO = 13.2V
50
µA
Data
Handshake
VOL
VDD = 4.75V, IOL = 1mA
3
V
VOH
VDD = 4.75V, IOH = 150
µA
2.4
V
VIL
1.5
V
VIH
3.5
V
IIL
VDD = 5.25V, VIL = 1.5V
– 0.4
mA
R
Pull up
30
k
IO(off)
VDD = 5.25V, VO = 13.2V
50
µA
M494
3/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com