Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M494B1 Datasheet(PDF) 15 Page - STMicroelectronics

Part # M494B1
Description  SINGLE-CHIP VOLTAGE TUNING SYSTEM WITH 4 ANALOG CONTROLS AND mP INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M494B1 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M494B1 Datasheet HTML 11Page - STMicroelectronics M494B1 Datasheet HTML 12Page - STMicroelectronics M494B1 Datasheet HTML 13Page - STMicroelectronics M494B1 Datasheet HTML 14Page - STMicroelectronics M494B1 Datasheet HTML 15Page - STMicroelectronics M494B1 Datasheet HTML 16Page - STMicroelectronics M494B1 Datasheet HTML 17Page - STMicroelectronics M494B1 Datasheet HTML 18Page - STMicroelectronics M494B1 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
FUNCTIONAL DESCRIPTION (continued)
Mute
The sound mute function is available as a toggle
command from all command sources.
There are other commands and functions during
which the sound is muted :
- FB/sync. coincidence - If there is no FB/sync.
coincidence under any conditions the sound is
muted.
- Start up reset - the sound is muted for approx. 1.7
seconds.
- Program change - the sound is muted for 0.6
seconds on any program change ; direct, 1 * +
0-9 program (only after the second keystroke),
±10 (decade) & Memory sequenceup/down con-
tinuous or single keystrokes.
- Standby & Off states - the sound is muted.
- Band sequence - same as program change.
The sound is demuted under the following condi-
tions :
- When the mute command is received from any
source.
- When the device is commanded On from standby
of Off, i.e. if the device was muted when the
standby command was issued then when On is
commanded it will always start up with the sound
demuted after the reset and settling period of
approx. 17 seconds.
- Volume up - if volume up is commanded whilst
the sound is muted then the volume will increase
from zero.
- Volume down - if volume down is commanded
whilst the sound is muted then there is no effect.
- Any program change - the sound is NOT de-
muted.
Momentary On Switch
Provision is made for a momentary switch con-
nected between the h+i pin and ground to force the
M494 to make Power on and Start up resets auto-
matically so that the device attains the On state
immediately.
The condition of the h+i pin is latched after the reset
period of 110ms. Therefore the period of switch
contact closure should be a min. of 120ms.
Figures. 11 & 12 respectively show in flow diagram
form the two methods for storing a station : pretun-
ing program selection and post tuning program
selection. Figures. 13, 14 & 15 show the select
programme subroutine for Figures. 11 & 12 for
either 16 program option or 20 program option with
1* or
±10 (decade modes).
M494
15/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com