Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M494B1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M494B1
Description  SINGLE-CHIP VOLTAGE TUNING SYSTEM WITH 4 ANALOG CONTROLS AND mP INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M494B1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M494B1 Datasheet HTML 9Page - STMicroelectronics M494B1 Datasheet HTML 10Page - STMicroelectronics M494B1 Datasheet HTML 11Page - STMicroelectronics M494B1 Datasheet HTML 12Page - STMicroelectronics M494B1 Datasheet HTML 13Page - STMicroelectronics M494B1 Datasheet HTML 14Page - STMicroelectronics M494B1 Datasheet HTML 15Page - STMicroelectronics M494B1 Datasheet HTML 16Page - STMicroelectronics M494B1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
FUNCTIONAL DESCRIPTION (continued)
Skip Function
Program skip is implemented in the M494 by a
single memory bit associated with each program
word. The bit acts as a flag to the device to indicate
that the program word should be skipped and the
next program word read from the memory in as-
cending or descending order if the skip flag is set.
Programs are skipped only when accessed using
the memory sequence up/down commands. Direct
access to a program from the keyboard, RC or data
command sources will always override the skip
function. e.g. if skip is set on prog. 7 and prog. 7 is
commanded from RC then prog. 7 will be tuned
even if there is nc prog. stored in that memory
location.
In order to program the skip bit and to defeat its
function when required two commands are avail-
able : set skip flag and skip defeat. The skip defeat
switch is designed to be activated by a facia panel
on the TV set under which are infrequently used
controls.
On the set skip flag command the M494 stores the
current contents of the tuning, band and MS count-
ers and sets the skip bit. After the set skip flag
operation the contents of the tuning, band and MS
counters will not change and the device continues
to output these values. The operation is transpar-
ent to the user in terms of function but is indicated
on the display by the program number flashing at
5Hz for 1 second. In order to reset the skip bit for
any program word the desired program should be
selected with skip defeated. A station should then
be tuned, if required, and then the store command
issued. The store command automatically resets
the skip flag.
The skip defeat command enables the reading and
writing (plus resetting of skip flag) of memory words
whose skip flag is set. If skip is defeated the device
will only access the number of programs selected
by the option select i.e. If 16 programs only are
selected then skip defeat will NOT enable access
to all 20 programs.
Reset
There are two conditions under which the M494 is
reset : power on and start up (On command).
Power on reset is triggered whenever VDD falls
below about 3V.
The duration of this reset is 110ms after VDD has
been restored.
Power On Reset
(Powered down to Off or Standby states)
After the reset period of 110ms :
a) The program counter is set to program 1.
b) The outputs are disabled as defined in the Off
and Standby states. Se e Standby & Off
definitions.
c) The option selection, keyboard, momentary on
switch and, when in standby, the display, RC and
data inputs become active. For the ”activity
level” of the keyboard in Off and standby states.
See Standby & Off definitions.
d) An internal register is set to indicate that the
device has powered up from the powered down
state.
Start Up Reset
(Standby or Off states to On state)
A start up reset is instigated by the reception of the
commands given in the definition of terms or the
Standby section.
The following then occurs :
a) The internal register indicating that the device
has powered up from the powered down state
is read :
I) If the register is set than the memory word
addressed by the program counter is loaded
into the tuning counter and then the analog
values are read rom the memory.
II) If the register is reset then the previously
selected tuning and analog values are left
unchanged.
b) The AFC is defeated and the volume muted for
a period of approx 1.7 seconds or 0.6 seconds
longer than the other analog outputs.
c) The tuning and analogue outputs, except
volume, are enabled after approx. 1.1 seconds.
d) The volume output is enabled after 1.7 seconds
e) The standby output is pulled up internally to
logic HI
f) The internal register is reset.
If the device has either of the power up options
(power up in Off or standby states) selected then it
will perform a power up reset but all the outputs and
command sources will remain disabled, then on the
On command, a start up reset will be performed. If
the device is required to power up in the On state
using the momentary mechanical switch con-
nected to the h+i pin then it will perform an ordinary
power on reset followed immediately by a start up
reset. The outputs and command sources will be
enabled after the periods defined above.
M494
13/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com