Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M494B1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M494B1
Description  SINGLE-CHIP VOLTAGE TUNING SYSTEM WITH 4 ANALOG CONTROLS AND mP INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M494B1 Datasheet(HTML) 2 Page - STMicroelectronics

  M494B1 Datasheet HTML 1Page - STMicroelectronics M494B1 Datasheet HTML 2Page - STMicroelectronics M494B1 Datasheet HTML 3Page - STMicroelectronics M494B1 Datasheet HTML 4Page - STMicroelectronics M494B1 Datasheet HTML 5Page - STMicroelectronics M494B1 Datasheet HTML 6Page - STMicroelectronics M494B1 Datasheet HTML 7Page - STMicroelectronics M494B1 Datasheet HTML 8Page - STMicroelectronics M494B1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
13
14
15
16
17
18
19
20
24
23
22
21
D4
D3
D2
D1
D0
OPTION SELECT
DISPLAY DRIVE
h+ i
g
f
e
d
c
b
a
AV0
AV1
MEMORY TIMING
VPP
V
SS
V
DD
UHF
CATV
VHF 1
VHF 3
OSC. OUT
OSC. IN
TUNING
CONTRAST
MS 0
MS 1
BRIGHTNESS
TEST 1
DATA HANDSHAKE
STANDBY
AFC DEFEAT
FB/SYNC COINCIDENCE
REMOTE CONTROL
VOLUME
SATURATION
PIN CONNECTIONS
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
– 0.3 to 7
V
VPP
Memory Supply Voltage
– 0.3 to 26
V
VI
Input Voltage
– 0.3 to 15
V
VO(off)
Off State Input Voltage
15
V
IOL
Output Low Current
LED Driver Outputs :
pin a-g
pin h + i
All other Outputs
20
35
5
mA
mA
mA
tPD
Max. Delay between Memory Timing & Memory Supply Pulses
5
µs
Ptot
Total Package Power Dissipation
1
W
Tstg
Storage Temperature
– 25 to + 125
°C
Top
Operating Temperature
0 to + 70
°C
Cos
Capacitance on Option Select Pin
100
pF
Ros
Resistance on Option Select Pin
1
k
Cdk
Capacitance on data outputs & keyboard inputs when lines are
connected by a keyboard switch closure
150
pF
Rk
Series Resistance of Single Keyboard Switch
10
k
Crts
Capacitance on Data Handshake Pin
50
pF
Stresses above those under ”Absolute Maximum Ratings” may causes permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
M494
2/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com