Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M494B1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M494B1
Description  SINGLE-CHIP VOLTAGE TUNING SYSTEM WITH 4 ANALOG CONTROLS AND mP INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M494B1 Datasheet(HTML) 5 Page - STMicroelectronics

  M494B1 Datasheet HTML 1Page - STMicroelectronics M494B1 Datasheet HTML 2Page - STMicroelectronics M494B1 Datasheet HTML 3Page - STMicroelectronics M494B1 Datasheet HTML 4Page - STMicroelectronics M494B1 Datasheet HTML 5Page - STMicroelectronics M494B1 Datasheet HTML 6Page - STMicroelectronics M494B1 Datasheet HTML 7Page - STMicroelectronics M494B1 Datasheet HTML 8Page - STMicroelectronics M494B1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
τ
1 =RC
τ
2 =Ri . C
1.5V
Figure 3
FUNCTIONAL DESCRIPTION (continued)
Several tests are performed on the signal :
a) Measurement of the pulse distance T (time
base synchronization).
b) Check of the bit positions relative to the time
base windows.
c)
Check of the parity bit.
d) Check of the absence of pulses between parity
and stop pulses.
e) Check of the noise level. The receiver checks
the noise level for a time T after each pulse
detected.
If all these tests are successful the received word
is stored and decoded. If not it is rejected. The
transmission is terminated on reception of the end
of transmission (EOT) code or if the internal timer
measures a transmission interruption of more than
550ms. For more detail concerning the operation
of the RC receiver refer to SGS-THOMSON Tech-
nical Note No. 155 pp11-12.
The RC receiver and the local keyboard have the
same command source priority i.e. a local com-
mand is not accepted until a previously accepted
RC command has been completely executed and
the EOT code transmitted. Similarly if a local com-
mand is under execution then an RC command will
not be accepted. The RC truth table and com-
mands are shown on the next page.
Analog Control Outputs
Four analog control outputs are implemented to
provide for Volume, Brightness, Saturation and
Contrast from four 6 bit D/A’s. These D/A’s use the
Pulse Width Modulation technique to synthesize a
pulse train of constant frequency but variable pulse
width (PWM). Each output delivers a 7.8kHz
square wave whose duty cycle is variable in 63
steps. External RC filtering and level shifting is
required to realise a static DC voltage from the
pulse train. If the analog outputs are continuously
varied by command from the keyboard or data
command sources the outputs will change approx.
every 112ms (fck = 500kHz) or approx. every
102ms if the command is issued from the RC
command source. One analog control is specifi-
cally designed asa volume control as mute circuitry
is built in.
On start up reset the analog control outputs except
volume are enabled after a period of approx.
1.1 seconds. In the Standby and Off states all the
analog control outputs are pulled to logic LO.
The normalise command reads the contents of
each analog memory sequentially to its corre-
sponding counter and D/A output.
Tuning Output
The tuning voltage is generated from a 13 bit
counter. The program memory stores the 12 MSB’s
of the tuning word. The range of the AFC circuitry
is at least 3 bits so the LSB of the tuning counter
does not affect the resolution of tuning.
The contents of the counter are converted using a
PWM and a Bit Rate Multiplier (BRM) technique.
13 bits gives 8192 steps which yields a resolution
of approximately 3.9mV with a max. tuning voltage
of 32V. This corresponds to a resolution of about
75kHz in the UHF band. The 5 MSB’s of the tuning
word are converted using PWM and the remaining
8 bits using BRM. Thus as the tuning word in-
creases from all zeroes the number of pulsesin one
period increases to 256 with all the pulses being
the same length (to =2
µs). For values larger then
256 PWM conversion takes place where the num-
ber of pulses in one period stays constant at 256
but the width changes.
When the pulse width reaches 15to two successive
pulses ”link” together and the number of pulses
decreases (see Figure 4).
The pulse train is fed to an external low pass filter
to realise a DC voltage. The temperature depend-
ence of this system is predominantly the switching
times of the output pulses and as there are only a
maximum of 256 pulses in one period the tempera-
ture stability is very good.
In Standby and Off states the tuning output is pulled
to logic LO.
256
No OF PULSES
TUNING
VOLTAGE
1V
31V
Figure 4
M494
5/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com