Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M494B1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M494B1
Description  SINGLE-CHIP VOLTAGE TUNING SYSTEM WITH 4 ANALOG CONTROLS AND mP INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M494B1 Datasheet(HTML) 1 Page - STMicroelectronics

  M494B1 Datasheet HTML 1Page - STMicroelectronics M494B1 Datasheet HTML 2Page - STMicroelectronics M494B1 Datasheet HTML 3Page - STMicroelectronics M494B1 Datasheet HTML 4Page - STMicroelectronics M494B1 Datasheet HTML 5Page - STMicroelectronics M494B1 Datasheet HTML 6Page - STMicroelectronics M494B1 Datasheet HTML 7Page - STMicroelectronics M494B1 Datasheet HTML 8Page - STMicroelectronics M494B1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
M494
SINGLE-CHIP VOLTAGE TUNING SYSTEM WITH
4 ANALOG CONTROLS AND
µP INTERFACE
June 1991
DIP40
(Plastic Package)
ORDER CODE : M494B1
.
NON-VOLATILE MEMORY FOR 20 PRO-
GRAM WORDS (17 BIT x 20)
- TUNING VOLTAGE 12 BITS
- BAND 2 BITS
- MULTI STANDARD 2 BITS
- PROGRAM SKIP BIT 1 BIT
- 10,000 MODIFY CYCLES PER WORD
- MIN. 10 YEARS DATA RETENTION
.
13 BIT VOLTAGE SYNTHESIZER (BRM + PWM)
.
NV MEMORY FOR 4 ANALOG CONTROLS
(6 BIT x 4)
.
4 BAND SWITCH OUTPUTS
(VHF I & III, UHF, CATV)
.
5 x 7 KEYBOARD
.
2 AUDIO VISUAL OUTPUTS (VCR & PC)
.
2 CODED MULTI STANDARD OUTPUTS
(e.g. PAL, SECAM, NTSC etc.)
.
DIRECT 11/2 DIGIT 7 SEGMENT COMMON
ANODE LED DISPLAY DRIVING
.
PCM REMOTE CONTROL RECEIVER
(M708 transmitter)
.
5-BIT DATA INPUT + CONTROL LINE FOR
P INTERFACE
.
LINEAR AFC DEFEAT OUTPUT
.
FLYBACK/SYNC. COINCIDENCE INPUT FOR
SEMI-AUTOMATIC SEARCH
.
STANDBY OUTPUT
.
OPTION SELECT : 16 OR 20 PROGRAMS
.
POWER UP MODE
.
PROGRAM SKIP DEFEAT
.
AV OPTIONS
.
1 * OR DECADE MODE OPTION IN 20 PRO-
GRAM OPTION
.
TEMPORARY ANALOG UP/DOWN INDICA-
TOR ON LED DISPLAY
.
BAND SKIP OPTION
.
455 TO 510kHz CHEAP CERAMIC RESONATOR
.
VDD =5V
± 5%. VPP = 25V ± 1V
DESCRIPTION
The M494 is a monolithic LSI integrated circuit
fabricated in SGS-THOMSON’s EPM2 process ; an
N-channel, Planox, double poly MOS process ca-
pable of including a floating gate NV memory cell
(EEPROM).
The i.c. has been designed as a complete digital
TV tuning system based on the voltage synthesis
principle and as a replacement for all the conven-
tional potentiometers and band switches particu-
larly in low cost TV sets. It also provides some
functions normally only associated with higher cost
sets. NV memory is integrated on the chip together
with all the necessary control circuitry to provide the
program memory. Separate NV memory is also
integrated to provide the memory for four analog
controls. A seven segment LED display can be
directly driven by the chip to display the program
selected, and the direction of movement of the
analog controls. Provision is made for a remote
control receiver both on and off chip, the latter is
interfaced via a data input and single control line.
(This enables control by a microprocessor). A local
keyboard can be used with the device in a variety
of configurations. An option select pin provides for
different program number options, power up op-
tions and skip associated functions. This device is
another significant step towards the complete inte-
gration of TV control circuitry.
The device is packaged in a 40 pin DIL plastic
package.
1/22


Similar Part No. - M494B1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M49465 VISHAY-M49465 Datasheet
109Kb / 3P
Wirewound Resistors, Precision Power, Low Value, Military,
21-Apr-2021
M4946501 VISHAY-M4946501 Datasheet
109Kb / 3P
Wirewound Resistors, Precision Power, Low Value, Military,
21-Apr-2021
M4946506 VISHAY-M4946506 Datasheet
109Kb / 3P
Wirewound Resistors, Precision Power, Low Value, Military,
21-Apr-2021
M4946507 VISHAY-M4946507 Datasheet
109Kb / 3P
Wirewound Resistors, Precision Power, Low Value, Military,
21-Apr-2021
More results

Similar Description - M494B1

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17010 NEC-UPD17010 Datasheet
1Mb / 424P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE DEDICATED TO DIGITAL TUNING SYSTEM
UPD17016 NEC-UPD17016 Datasheet
1Mb / 324P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
UPD17072 NEC-UPD17072 Datasheet
1Mb / 226P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17704 NEC-UPD17704 Datasheet
1Mb / 356P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17717 NEC-UPD17717 Datasheet
1Mb / 408P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17933 NEC-UPD17933 Datasheet
1,022Kb / 252P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
logo
STMicroelectronics
M491B STMICROELECTRONICS-M491B Datasheet
135Kb / 16P
SINGLE-CHIP VOLTAGE SYNTHESIS TUNING SYSTEM WITH 1 ANALOG CONTROL
Sep-1992
M490B STMICROELECTRONICS-M490B Datasheet
1Mb / 23P
SINGLE CHIP VOLTAGE SYNTHESIS TUNING SYSTEMS WITH 1 ANALOG CONTROL
logo
Renesas Technology Corp
PD17P709A RENESAS-PD17P709A_15 Datasheet
390Kb / 38P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PD17012 RENESAS-PD17012_15 Datasheet
1Mb / 320P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com