Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M494B1 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M494B1
Description  SINGLE-CHIP VOLTAGE TUNING SYSTEM WITH 4 ANALOG CONTROLS AND mP INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M494B1 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M494B1 Datasheet HTML 12Page - STMicroelectronics M494B1 Datasheet HTML 13Page - STMicroelectronics M494B1 Datasheet HTML 14Page - STMicroelectronics M494B1 Datasheet HTML 15Page - STMicroelectronics M494B1 Datasheet HTML 16Page - STMicroelectronics M494B1 Datasheet HTML 17Page - STMicroelectronics M494B1 Datasheet HTML 18Page - STMicroelectronics M494B1 Datasheet HTML 19Page - STMicroelectronics M494B1 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
COMMANDS
Command
Source
Function
Programs 1-12
KB, D,RC
(16 opt.)
Reads the contents of the memory location : 2MSB’s to the MS counter, next 2 MSB’s
to the band counter next 12 MSB’s to the tuning counter and D/A and LSB to skip flag
register. Initiates an on command only after standby.
Programs 0-9
KB, D, RC
(20 opt.)
Reads the contents of the memory location : 2MSB’s to the MS counter, next 2 MSB’s
to the band counter next 12 MSB’s to the tuning counter and D/A and LSB to skip flag
register. Initiates an on command only after stndby.
Programs 13-16
D, RC
(16 opt.)
Reads the contents of the memory location : 2 MSB’s to the MS counter, next 2 MSB’s
to the band counter next 12 MSB’s to the tuning counter and D/A and LSB to skip flag
register. Initiates a on command only after standby.
– 10 (decade)
KB, D, RC
(20 opt.)
Sustracts 10 from the current program (if possible). Initiates an on command only after
standby.
+ 10 (decade)
KB, D, RC,
(20 opt.)
Adds 10 to the current program (if possible). Initiates an on command only after standby.
1*
KB, D, RC
(20 opt.)
Commands the M494 to wait for a 0-9 program command or to reset on any other
command. Display shows half digit and g segment flashing at 5Hz. Initiates an on
command only after standby.
Vol. up/down
Bri. up/down
Sat. up/down
Con. up/down
KB, D, RC
Increments up or down the relevant analog control counter every keystrobe or
continuously every 112ms from KB and every 102ms from the RC and data inputs. The
display shows an up/down arrow for 300ms min.
Tune up/down
KB
Increments up or down the tuning counter. The speed or increment/decrement is
defined by Figure 10. The display shows an up/down arrow for 300ms min.
Mem. up/down
KB, D, RC
The program number (memory location) is incremented/decremented.
Mute (toggle)
KB, D, RC
Volume Mute. See mute section.
Standby
D, RC
Commands the standby state.
On/standby
(toggle)
KB, D, RC
Commands the standby state from the on state and the on state from the standby state.
ON/OFF
KB
Commands the on state when in the off state and commands the off state when in the
on state. See standby section.
Store Program
KB
The currently addressed memory location is written from the tuning, band and MS
counters and the skip flag is reset. See fig. 11. Execution of this command is indicated
by the display flashing at 5Hz for 1 second.
Store analog
Controls
KB
The analog control memories are written in sequence from the analog control counters.
Execution of this command is indicated by the display flashing at 5Hz for 1 second.
Band Sequence
KB
Command the next band in the sequence as defined in bands outputs section. One
step for each key strobe.
MS Sequence
KB
Increments the MS counter by binary one. One step for each key strobe.
Normalise
Analog
KB, D, RC
Reads the analog memories in sequence to their corresponding D/A’s. The analog
control outputs are disabled during the read sequence.
Memory
Addressing
KB
Strobes the program selected immediately after the memory addressing command
(post tuning program selection). See Figure 12.
Set Skip Flag
KB
Sets the skip flag on the currently selected program. Execution of this command is
indicated by the display flashing at 5Hz for 1 second.
Skip Defeat
OS
Defeats the function of the skip bit to allow reading and writing of the currently selected
program.
KB = Keyboard; D = Data; RC = Remove Control; OS = Option Select.
Figures 11 & 12 respectively show in flow diagram
from the two methods for storing a station : pretun-
ing program selection and post tuning program
selection.
Figures 13, 14 & 15 show the select program
subroutine for Figures 11 & 12 for either 16 pro-
gram option or 20 program option with 1* or
± 10
(decade modes).
M494
16/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com