Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M494B1 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M494B1
Description  SINGLE-CHIP VOLTAGE TUNING SYSTEM WITH 4 ANALOG CONTROLS AND mP INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M494B1 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M494B1 Datasheet HTML 14Page - STMicroelectronics M494B1 Datasheet HTML 15Page - STMicroelectronics M494B1 Datasheet HTML 16Page - STMicroelectronics M494B1 Datasheet HTML 17Page - STMicroelectronics M494B1 Datasheet HTML 18Page - STMicroelectronics M494B1 Datasheet HTML 19Page - STMicroelectronics M494B1 Datasheet HTML 20Page - STMicroelectronics M494B1 Datasheet HTML 21Page - STMicroelectronics M494B1 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
COMMANDS (continued)
BEGIN
Yes
No
END
SELECT
1*
SELECT
PROGRAM
UPPER
DECADE ?
SELECT 1*
AGAIN
(TOGGLE)
SELECT
PROGRAM
END
No
Yes
PREVIOUS PROGRAMME
NUMBER IS DISPLAYED
g SEGMENT FLASHES
AT 5Hz UNTIL A
PROGRAM IS SELECTED
OR ANY OTHER
COMMAND IS GIVEN
CORRECT ?
Figure 14 : Program Selection Routine (20 program, 1 * mode)
BEGIN
Yes
No
END
SELECT
PROGRAM
SELECT + OR
- DECADE
SELECT
PROGRAM IF
NECESSARY
END
CHANGE
DECADE ?
Figure 15 : Program Selection Routine (20 program, decade mode)
M494
19/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com