Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M494B1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M494B1
Description  SINGLE-CHIP VOLTAGE TUNING SYSTEM WITH 4 ANALOG CONTROLS AND mP INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M494B1 Datasheet(HTML) 4 Page - STMicroelectronics

  M494B1 Datasheet HTML 1Page - STMicroelectronics M494B1 Datasheet HTML 2Page - STMicroelectronics M494B1 Datasheet HTML 3Page - STMicroelectronics M494B1 Datasheet HTML 4Page - STMicroelectronics M494B1 Datasheet HTML 5Page - STMicroelectronics M494B1 Datasheet HTML 6Page - STMicroelectronics M494B1 Datasheet HTML 7Page - STMicroelectronics M494B1 Datasheet HTML 8Page - STMicroelectronics M494B1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
DEFINITION OF TERMS
The M494 has four conditions or states that it can
be in which are defined below. Logic LO 0V and
logic HI = 5V.
Powered Down
VDD =0V. VPP =0V
On
VDD =5V. VPP = 25V.
Device driving display normally.
Data Handshake pin configured as RTS i/p.
Standby o/p = HI. All other functions operating
normally.
Standby
VDD =5V. VPP =0V.
Device driving display to show a single static bar
(g segment).
Data Handshake pin configured as RTS i/p. Stanby
o/p = LO.
All keyboard commands are disabled except any
program command On/Off, On/Stanby.
Memory sequence up or down, 1 * and
±10 (dec-
ade) commands.
Analog controls. Tuning, AV, MS and AFC defeat
o/p’s = LO. Band o/p’s = HI (externally pulled up).
See Standby section for more detail.
Off
VDD =5V. VPP = 0V. Device not driving display.
Data Handshake pin configured as OFF o/p.
Standby o/p = LO. Display disabled and Display
drive o/p = HI (externally pulled up).
All keyboard commands disabled except ON/OFF.
Remote and data command sources disabled.
Analog controls, Tuning, AV, MS and AFC defeat
o/p’s = HI (externally pulled up).
FUNCTIONAL DESCRIPTION (clock frequency = 500kHz)
VDD &VSS
VDD =+ 5V
± 5%. When applied, an internal power
on reset of 110ms is generated. The voltage thresh-
old for the reset is in the range 3 to 3.5V but is in
fact the point at which the internal clock phases
start.
VSS = 0V. This pin is connected to the substrate of
the i.c. and is the reference for all parameters of
the device.
Oscillator I/O
The frequency of the oscillator should be between
445 and 510kHz using a cheap ceramic resonator.
The reference frequency of the remote control
transmitter must also be in the same range i.e. if
the oscillator frequency is 455kHz then the trans-
mitter frequency could be 510kHz or vice versa.
Test
This pin is normally used for post fabrication testing
purposes only and should be tied to VSS. However
this pin can be used by SGS-THOMSON or the
OEM to enable external loading of the memory.
Details of how to achieve this can be furnished by
SGS-THOMSON.
Remote Control Input
The integrated RC receiver decodes signals trans-
mitted by the M708 (address 10). The minimum
signal amplitude should be 0.5V peak to peak at
the input pin. The minimum pulse width should be
8
µs.
The signal from the preamplifier (TDA8160) is
brought to the RC signal input via an AC coupling
network (see Figure 1).
VDD (TDA8160)
R
C
5V
2.2k
Ω
4.7nF
12V
10k
Ω
4.7nF
RC
TDA8160
M494
Figure 1
The input is self biased to approx. 1.5V. When a
large signal is applied to the input a level shift will
take place predominantly due to the coupling net-
work.
However another time constant is also visible due
to the coupling C and the internal resistor Ri. (see
Figures. 2 & 3).
V
Remote
Control I/P
to Cct
1.5V
Ri
DD
Figure 2
M494
4/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com