Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

128SAL-RPM Datasheet (PDF) - Vishay Siliconix

128SAL-RPM Datasheet PDF - Vishay Siliconix
Part # 128SAL-RPM
Download  128SAL-RPM Download
File Size   135.76 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Capacitors Solid AI, Radial Pearl Miniature

128SAL-RPM Datasheet (PDF)

Go To PDF Page Download Datasheet
128SAL-RPM Datasheet PDF - Vishay Siliconix

Part # 128SAL-RPM
Download  128SAL-RPM Click to download

File Size   135.76 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Capacitors Solid AI, Radial Pearl Miniature

128SAL-RPM Datasheet (HTML) - Vishay Siliconix


128SAL-RPM Product details

FEATURES
• Polarized aluminum electrolytic capacitors,
solid electrolyte MnO2
• Radial leads, max. height 10 mm, resin
dipped, orange colored
• Extremely long useful life: 20 000 h at 125 °C
• Extended high temperature range up to 175 °C
• Excellent low temperature, impedance and ESR behaviour
• Charge and discharge proof, application with 0 
resistance allowed
• Reverse DC voltage up to 0.3 x UR allowed
• AC voltage up to 0.8 x UR allowed
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Audio-video, automotive, industrial high temperature and
telecommunication
• Smoothing, filtering and buffering
• For small power supplies, DC/DC converters




Similar Part No. - 128SAL-RPM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
128SALRPM VISHAY-128SALRPM Datasheet
142Kb / 10P
Aluminum Capacitors Solid AI, Radial Pearl Miniature
07-May-13
More results


Similar Description - 128SAL-RPM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140RTM VISHAY-140RTM Datasheet
226Kb / 6P
Aluminum Capacitors Radial, High Temperature Miniature
30-Jun-05
037RSM VISHAY-037RSM Datasheet
486Kb / 7P
Aluminum Capacitors Radial Standard Miniature
16-Nov-05
048RML VISHAY-048RML Datasheet
111Kb / 8P
Aluminum Capacitors Radial Miniature Long Life
05-May-08
152RMH VISHAY-152RMH Datasheet
98Kb / 6P
Aluminum Capacitors Radial Miniature, High Voltage
15-May-08
128SALRPM VISHAY-128SALRPM Datasheet
142Kb / 10P
Aluminum Capacitors Solid AI, Radial Pearl Miniature
07-May-13
150RMI VISHAY-150RMI_12 Datasheet
114Kb / 8P
Aluminum Capacitors Radial Miniature, Low Impedance
10-Oct-12
152RMH VISHAY-152RMH_12 Datasheet
98Kb / 6P
Aluminum Capacitors Radial Miniature, High Voltage
09-Nov-12
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
Aluminum Capacitors Radial Standard Miniature
14-Nov-07
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com