Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

128SAL-RPM Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 128SAL-RPM
Description  Aluminum Capacitors Solid AI, Radial Pearl Miniature
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

128SAL-RPM Datasheet(HTML) 1 Page - Vishay Siliconix

  128SAL-RPM Datasheet HTML 1Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 2Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 3Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 4Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 5Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 6Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 7Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 8Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
128 SAL-RPM
www.vishay.com
Vishay BCcomponents
Revision: 25-Oct-13
1
Document Number: 28354
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Capacitors Solid AI,
Radial Pearl Miniature
Fig. 1
FEATURES
• Polarized aluminum electrolytic capacitors,
solid electrolyte MnO2
• Radial leads, max. height 10 mm, resin
dipped, orange colored
• Extremely long useful life: 20 000 h at 125 °C
• Extended high temperature range up to 175 °C
• Excellent low temperature, impedance and ESR behaviour
• Charge and discharge proof, application with 0
resistance allowed
• Reverse DC voltage up to 0.3 x UR allowed
• AC voltage up to 0.8 x UR allowed
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Audio-video, automotive, industrial high temperature and
telecommunication
• Smoothing, filtering and buffering
• For small power supplies, DC/DC converters
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in μF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %)
• Rated voltage (in V) and category voltage if applicable
• Date code in accordance with IEC 60062
• Name of manufacturer
• “I” sign to indicate the negative terminal
• “+” sign to identify the positive terminal
•Series number
MOUNTING
When bending, cutting or straightening the leads, ensure
that the capacitor body is relieved of stress.
Bending after soldering must be avoided.
Completely sealing the component’s body or use in an
oxygen-free environment has a negative impact on useful
life.
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Maximum case sizes
(H x W x T in mm)
10 x 7 x 3.5
to 10 x 8 x 6
Rated capacitance range
(E6 series), CR
0.22 μF to 68 μF
Tolerance on CR
± 20 %
Rated voltage range, UR
6.3 V to 40 V
Category temperature range:
UR = 6.3 V to 40 V
-55 °C to +85 °C
UC = 6.3 V to 25 V
-55 °C to +125 °C
Endurance test at 125 °C
10 000 h
Useful life at 125 °C
20 000 h
Useful life at 175 °C
2000 h
Useful life at 40 °C, IR applied
> 300 000 h
Shelf life at 0 V, 125 °C
500 h
Based on sectional
specification
IEC 60384-4/EN 130300
Climatic category IEC 60068
55/125/56
128
SAL-RPM
axial
version
123
SAL-A
SELECTION CHART FOR CR, UR, UC, AND RELEVANT MAXIMUM CASE SIZES (H x W x T in mm)
CR
(μF)
UR (V) AT Tamb = 85 °C
6.3
1016
2540
UC (V) AT Tamb = 125 °C
6.3
1016
2525
0.22
-
-
-
-
10 x 7 x 3.5
0.33
-
-
-
-
10 x 7 x 4
0.47
-
-
-
-
10 x 7 x 5
0.68
-
-
-
10 x 7 x 3.5
10 x 7 x 5
1.0
-
-
-
10 x 7 x 3.5
10 x 7 x 5
1.5
-
-
-
10 x 7 x 3.5
10 x 8 x 6
2.2
-
-
10 x 7 x 3.5
10 x 7 x 4
10 x 8 x 6


Similar Part No. - 128SAL-RPM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
128SALRPM VISHAY-128SALRPM Datasheet
142Kb / 10P
Aluminum Capacitors Solid AI, Radial Pearl Miniature
07-May-13
More results

Similar Description - 128SAL-RPM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140RTM VISHAY-140RTM Datasheet
226Kb / 6P
Aluminum Capacitors Radial, High Temperature Miniature
30-Jun-05
037RSM VISHAY-037RSM Datasheet
486Kb / 7P
Aluminum Capacitors Radial Standard Miniature
16-Nov-05
048RML VISHAY-048RML Datasheet
111Kb / 8P
Aluminum Capacitors Radial Miniature Long Life
05-May-08
152RMH VISHAY-152RMH Datasheet
98Kb / 6P
Aluminum Capacitors Radial Miniature, High Voltage
15-May-08
128SALRPM VISHAY-128SALRPM Datasheet
142Kb / 10P
Aluminum Capacitors Solid AI, Radial Pearl Miniature
07-May-13
150RMI VISHAY-150RMI_12 Datasheet
114Kb / 8P
Aluminum Capacitors Radial Miniature, Low Impedance
10-Oct-12
152RMH VISHAY-152RMH_12 Datasheet
98Kb / 6P
Aluminum Capacitors Radial Miniature, High Voltage
09-Nov-12
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
Aluminum Capacitors Radial Standard Miniature
14-Nov-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com