Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

128SAL-RPM Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 128SAL-RPM
Description  Aluminum Capacitors Solid AI, Radial Pearl Miniature
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

128SAL-RPM Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button 128SAL-RPM Datasheet HTML 2Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 3Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 4Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 5Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 6Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 7Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 8Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 9Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
128 SAL-RPM
www.vishay.com
Vishay BCcomponents
Revision: 25-Oct-13
8
Document Number: 28354
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IMPEDANCE (Z)
Fig. 20 - Typical impedance at 25 °C as a function of frequency
Fig. 21 - Typical impedance at 25 °C as a function of frequency
Fig. 22 - Typical impedance at 25 °C as a function of frequency
Fig. 23 - Typical impedance at 25 °C as a function of frequency
106
105
10
4
103
102
f (Hz) 10
7
Z
( )
10
3
10
2
10
1
1
10
-1
10
-2
1
2
3
Curve 1: 2.2 µF, 25 V
Curve 2: 4.7 µF, 16 V
Curve 3: 22 µF, 6.3 V
Case size H x W x T = 10 x 7 x 4 mm
106
105
10
4
103
102
f (Hz) 10
7
Z
( )
Ω
1
2
3
4
Curve 1: 0.47 µF, 40 V
Curve 2: 3.3 µF, 25 V
Curve 3: 10 µF, 16 V
Curve 4: 33 µF, 6.3 V
Case size H x W x T = 10 x 7 x 5 mm
10
3
10
2
10
1
1
10
-1
10
-2
106
105
10
4
103
102
f (Hz) 10
7
Z
( )
Ω
10
3
10
2
10
1
1
10
-1
10
-2
1
2
3
Curve 1: 1 µF, 40 V
Curve 2: 4.7 µF, 25 V
Curve 3: 47 µF, 6.3 V
Case size H x W x T = 10 x 8 x 5 mm
106
105
10
4
103
102
f (Hz) 10
7
Z
( )
Ω
1
2
3
Curve 1: 10 µF, 25 V
Curve 2: 22 µF, 16 V
Curve 3: 68 µF, 6.3 V
Case size H x W x T = 10 x 8 x 6 mm
10
3
10
2
10
1
1
10
-1
10
-2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com