Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

128SAL-RPM Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 128SAL-RPM
Description  Aluminum Capacitors Solid AI, Radial Pearl Miniature
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

128SAL-RPM Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button 128SAL-RPM Datasheet HTML 2Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 3Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 4Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 5Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 6Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 7Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 8Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 9Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
128 SAL-RPM
www.vishay.com
Vishay BCcomponents
Revision: 25-Oct-13
6
Document Number: 28354
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DISSIPATION FACTOR (tan
)
Fig. 10 - Typical multiplier of dissipation factor and standard
deviation as functions of ambient temperature
TYPICAL tan
 CHANGE AFTER ENDURANCE
TEST AT Tamb = 125 °C
Fig. 11 - tan
 change of capacitance as a function of
cumulative frequency after endurance test
EQUIVALENT SERIES RESISTANCE (ESR)
Fig. 12 - Typical multiplier of ESR at 100 Hz as a function
of ambient temperature
Fig. 13 - Typical ESR at 25 °C as a function of frequency
T
amb (°C)
- 80
- 40
0
40
80
120
160
2.0
1.5
1.0
0.5
0
tan
δ
tan
δ
0
0.05
0
σ
tan
δ
0 = dissipation factor at Tamb = 25 °C and 100 Hz
0.01 0.1 0.5 1 2
5 10 20 30 40 50 60 70 80 90 95 98 99 99.5 99.9 99.99
Cumulative frequency (%)
2000 h
5000 h
10 000 h
init.
120
100
80
60
40
20
0
T
amb (°C)
10
4
10
3
10
2
10
1
10
-1
ESR
ESR
0
- 100
- 50
0
50
100
150
1
2
3
4
5
Curve 1: 0.22 µF, 40 V
Curve 2: 1.5 µF, 40 V
Curve 3: 3.3 µF, 25 V
Curve 4: 10 µF, 6.3 V
Curve 5: 22 µF, 10 V
106
105
10
4
10
3
102
f (Hz)
10
7
10
3
10
2
10
1
10
-1
10
-2
ESR
()
Curve 1: 0.22 µF, 40 V
Curve 2: 1.5 µF, 40 V
Curve 3: 2.2 µF, 16 V
Curve 4: 10 µF, 6.3 V
1
2
3
4
Case H x W x T = 10 x 7 x 3.5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com