Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

128SAL-RPM Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 128SAL-RPM
Description  Aluminum Capacitors Solid AI, Radial Pearl Miniature
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

128SAL-RPM Datasheet(HTML) 2 Page - Vishay Siliconix

  128SAL-RPM Datasheet HTML 1Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 2Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 3Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 4Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 5Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 6Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 7Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 8Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
128 SAL-RPM
www.vishay.com
Vishay BCcomponents
Revision: 25-Oct-13
2
Document Number: 28354
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters AND AVAILABLE FORMS
Fig. 2 - Form CB: Short leads, in boxes
Fig. 3 - Form CA: Long leads with keyed polarity, in boxes
Table 1
Notes
(1) In plastic bags of 200 units each
• Detailed tape dimensions see www.vishay.com/doc?28360
3.3
-
-
10 x 7 x 3.5
10 x 7 x 5
-
4.7
-
10 x 7 x 3.5
10 x 7 x 4
10 x 8 x 5
-
6.8
-
10 x 7 x 3.5
10 x 7 x 4
10 x 8 x 5
-
10
10 x 7 x 3.5
10 x 7 x 4
10 x 7 x 5
10 x 8 x 6
-
15
-
10 x 7 x 4
10 x 8 x 5
-
-
22
10 x 7 x 4
10 x 7 x 5
10 x 8 x 6
-
-
33
10 x 7 x 5
10 x 8 x 5
-
-
-
47
10 x 8 x 5
10 x 8 x 6
-
-
-
68
10 x 8 x 6
-
-
-
-
SELECTION CHART FOR CR, UR, UC, AND RELEVANT MAXIMUM CASE SIZES (H x W x T in mm)
CR
(μF)
UR (V) AT Tamb = 85 °C
6.3
1016
2540
UC (V) AT Tamb = 125 °C
6.3
1016
2525
W
T
Bottom view
9.5 ± 0.5
5.2 ± 0.2
4.5
+ 0.3
- 0.7
Ø 0.6
+ 0.06
- 0.05
Printed-circuit
board
The diameter of the mounting holes in the printed-circuit board
is 0.8 ± 0.1 mm.
Flanges are provided with degassing grooves.
W
T
Bottom view
9.5 ± 0.5
5.2 ± 0.2
1.0 ± 0.1
9 ± 1
2 ± 0.5
12.5 ± 0.5
0.25
± 0.05
Ø 0.6
+ 0.06
- 0.05
Printed-circuit
board
The diameter of the mounting holes in the printed-circuit board is
0.8 ± 0.1 mm, except for the hole of the anode lead of Form
CA capacitors: 1.3 - 0.2 mm.
Flanges are provided with degassing grooves.
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
MAXIMUM
CASE SIZE
H x W x T
(mm)
CASE
CODE
MASS
(g)
PACKAGING QUANTITIES
FORM
CA (1)
FORM
CB (1)
FORM
TR+
FORM
TFA
10 x 7 x 3.5
20
 0.25
1000
1000
2000
1000
10 x 7 x 4
30
 0.30
1000
1000
2000
1000
10 x 7 x 5
40
 0.35
1000
1000
1000
1000
10 x 8 x 5
50
 0.50
1000
1000
1000
1000
10 x 8 x 6
60
0.60
1000
1000
1000
1000
CARDBOARD BOX DIMENSIONS, L x W x H (mm)
SOLID TYPES FORM CA AND CB
all
120 x 120 x 75
SOLID TYPES FORM TFA
all
340 x 175 x 52
SOLID TYPES FORM TR+
all
370 x 370 x 70



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com