Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

128SAL-RPM Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 128SAL-RPM
Description  Aluminum Capacitors Solid AI, Radial Pearl Miniature
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

128SAL-RPM Datasheet(HTML) 4 Page - Vishay Siliconix

  128SAL-RPM Datasheet HTML 1Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 2Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 3Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 4Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 5Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 6Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 7Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 8Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
128 SAL-RPM
www.vishay.com
Vishay BCcomponents
Revision: 25-Oct-13
4
Document Number: 28354
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VOLTAGE
Fig. 5 - Maximum permissible voltage up to Tamb = 175 °C
Notes
(1) Applying the maximum RMS ripple current given in Table 2 will
cause a device temperature of 138 °C
(2) The 100 kHz values in Table 2 for other temperatures are to be
calculated with the above IR multipliers
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us  1.15 x UR
Reverse voltage
Urev  0.3 x UR
Maximum peak AC voltage
Reverse voltage applied
2 V
Maximum peak AC voltage,
without reverse voltage applied
Tamb  85 °C:
at f
 0.1 Hz
0.30 x UR
at 0.1 Hz < f
 1 Hz
0.45 x UR
at 1 Hz < f
 10 Hz
0.60 x UR
at 10 Hz < f
 50 Hz
0.65 x UR
at f > 50 Hz
0.80 x UR
85 °C < Tamb  125 °C:
at f
 0.1 Hz
0.15 x UR
at 0.1 Hz < f
 1 Hz
0.22 x UR
at 1 Hz < f
 10 Hz
0.30 x UR
at 10 Hz < f
 50 Hz
0.32 x UR
at f > 50 Hz
0.40 x UR
Inductance
Equivalent series inductance (ESL)
Case sizes 10 mm x 7 mm x 3.5 mm to
10 mm x 7 mm x 5 mm
typ. 9 nH to 14 nH
Case sizes 10 mm x 8 mm x 5 mm and
10 mm x 8 mm x 6 mm
typ. 11 nH to 16 nH
All case sizes
max. 20 nH
Dissipation
Maximum power dissipation
Case sizes 10 mm x 7 mm x 3.5 mm to
10 mm x 7 mm x 5 mm
P125 = 88 mW
Case sizes 10 mm x 8 mm x 5 mm and
10 mm x 8 mm x 6 mm
P125 = 104 mW
Current
Maximum leakage current
After 5 min at UR and Tamb = 25 °C
IL5  0.025 CR x UR or 2 μA
whichever is greater; see Table 2
Typical leakage current
15 s at UR and Tamb = 25 °C:
UR = 6.3 V to 16 V
 0.2 x value stated in Table 2
UR = 25 V to 40 V
0.1 x value stated in Table 2
T
amb (°C)
40
35
25
16
10
6.3
4
0
- 50
0
50
100
150
175
85
125
(1) U
C = 125 °C
(2) U
C = 175 °C
(1)
(2)
RIPPLE CURRENT (IR)
PARAMETER
Tamb
25 °C
40 °C
65 °C
85 °C
105 °C 125 °C
IR multiplier
1.1
1.0
0.88
0.75
0.59
0.37



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com