Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

128SAL-RPM Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 128SAL-RPM
Description  Aluminum Capacitors Solid AI, Radial Pearl Miniature
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

128SAL-RPM Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button 128SAL-RPM Datasheet HTML 2Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 3Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 4Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 5Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 6Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 7Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 8Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 9Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
128 SAL-RPM
www.vishay.com
Vishay BCcomponents
Revision: 25-Oct-13
9
Document Number: 28354
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 3
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300
subclause 4.13
Tamb = 125 °C; 
UR = 6.3 V to 25 V with UR applied; 
UR = 40 V with UC applied;
10 000 h
C/C: ± 10 %
tan
  1.2 x spec. limit
Z
 1.2 x spec. limit
IL5  spec. limit
Useful life
CECC 30302
subclause 1.8.1
Tamb = 125 °C;
IR applied and:
UR = 6.3 V to 25 V with UR applied;
UR = 40 V with UC applied;
20 000 h
C/C: ± 15 %
tan
  1.5 x spec. limit
Z
 1.5 x spec. limit
IL5  spec. limit
no short or open circuit,
no visible damage
total failure percentage: < 1 %
Shelf life (storage at
high temperature)
IEC 60384-4/
EN130300
subclause 4.17
Tamb = 125 °C; no voltage applied;
500 h
C/C: ± 10 %
tan
  1.2 x spec. limit
IL5  spec. limit
Charge and discharge
IEC 60384-4-2
subclause 9.21
106 cycles without series resistance:
0.5 s to UR; 
0.5 s to ground
C/C: ± 5 %
no short or open circuit,
no visible damage
Solvent resistance
IEC 60068-2-45,
test XA
IEC 60653
Immersion: 5 min ± 0.5 min with or without
ultrasonic at 55 °C ± 5 °C
Solvents: demineralized water and/or calgonite
solution (20 g/l)
Visual appearance not affected
Extended vibration
IEC 60068-2-6
test Fc
10 Hz to 2000 Hz; 1.5 mm or 20 g;
1 octave/min; 3 directions;
1 sweep per direction; no voltage applied
no intermittent contacts
no breakdown
no open circuiting
no mechanical damage
C/C: ± 5 %
tan
  1.2 x spec. limit
Z
 1.2 x spec. limit
IL5  1.5 x spec. limit
Shock
IEC 60068-2-27
test Ea
Half-sine or sawtooth pulse shape; 50 g; 11 ms;
3 successive shocks in each direction of
3 mutually perpendicular axes;
no voltage applied
no intermittent contacts
no breakdown
no open circuiting
no mechanical damage
C/C: ± 5 %
tan
  1.2 x spec. limit
Z
 1.2 x spec. limit
IL5  1.5 x spec. limit
Passive flammability
IEC 60695-2-2
Capacitor mounted to a vertical printed-circuit
board, one flame on capacitor body;
Tamb = 20 °C to 25 °C;
test duration = 20 s
After removing the test flame from
the capacitor, the capacitor must
not continue to burn for more than
15 s; no burning particles must drop
from the sample



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com