Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

128SAL-RPM Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 128SAL-RPM
Description  Aluminum Capacitors Solid AI, Radial Pearl Miniature
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

128SAL-RPM Datasheet(HTML) 5 Page - Vishay Siliconix

  128SAL-RPM Datasheet HTML 1Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 2Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 3Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 4Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 5Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 6Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 7Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 8Page - Vishay Siliconix 128SAL-RPM Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
128 SAL-RPM
www.vishay.com
Vishay BCcomponents
Revision: 25-Oct-13
5
Document Number: 28354
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CAPACITANCE (C)
Fig. 6 - Typical multiplier of capacitance and standard deviation
as functions of ambient temperature
TYPICAL CAPACITANCE CHANGE AFTER
ENDURANCE TEST AT Tamb = 125 °C
Fig. 7 - Change of capacitance as a function of cumulative
frequency after endurance test
LEAKAGE CURRENT
Fig. 8 - Typical multiplier of leakage current as a function
of ambient temperature
TYPICAL LEAKAGE CURRENT CHANGE AFTER
ENDURCANCE TEST AT Tamb = 125 °C
Fig. 9 - Change of capacitance as a function of cumulative
frequency after endurance test
T
amb (°C)
0.6
0.7
0.8
0.9
1.0
1.1
1.2
C
0
C
- 80
- 40
0
40
80
120
160
0.05
0
σ
0.01 0.1 0.5 1 2
5 10 20 30 40 50 60 70 80 90 95 98 99 99.5 99.9 99.99
2000 h
5000 h
10 000 h
DC
(%)
Cumulative frequency (%)
4
2
0
- 2
- 4
- 6
- 10
- 8
10
2
10
1
10
-1
I
I
0
T
amb (°C)
- 40
0
40
80
120
160
I
0 = leakage current during continuous operation
at U
R and Tamb = 25 °C
0.01 0.1 0.5 1 2
5 10 20 30 40 50 60 70 80 90 95 98 99 99.5 99.9 99.99
Cumulative frequency (%)
100
80
60
50
40
30
20
10
8
6
5
4
3
2
1
init.
2000 h
5000 h
10 000 h



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com