Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89020 Datasheet (PDF) - ams-OSRAM AG

AS89020 Datasheet PDF - ams-OSRAM AG
Part # AS89020
Download  AS89020 Download
File Size   1427.83 Kbytes
Page   32 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 4-channel, current input 12 bit analog-to-digital converter (ADC)

AS89020 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS89020 Datasheet PDF - ams-OSRAM AG

Part # AS89020
Download  AS89020 Click to download

File Size   1427.83 Kbytes
Page   32 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 4-channel, current input 12 bit analog-to-digital converter (ADC)

AS89020 Datasheet (HTML) - ams-OSRAM AG


AS89020 Product details

FEATURES
▪ Conversion of 4 sensor signals of
photodiodes (e.g. RGB/XYZ color plus one
blank channel for compensation of parasitic
currents or temperature conversion) or other
sensors with current signal output
▪ 12 bit signal resolution at an achievable
sensitivity of up to 2.8 pA/LSB
▪ Programmable full-scale range from 11.7 nA
to 12 μA
▪ Sampling rate up to 100 kS/s for all
channels
▪ Measurement of positive and negative
currents
▪ Up to 16 MHz fast SPI-interface
▪ High amplification linearity, no cross talk
▪ High absolute accuracy and reliability
without additional sources
▪ Supply and temperature independent
performance
▪ Supply voltage from 2.7 V to 3.6 V
▪ Temperature range from -25 °C to 85 °C
▪ Deliverable in standard SSOP20 package
APPLICATIONS
▪ Precise conversion of photo current for
optical sensors and arrays (e.g. UV, VIS, IR)
and other sensors with current output
▪ In combination with ams Sensors Germany’s
color sensors or other multi-channel pindiodes:
measurement of surfaces and
distances
▪ In combination with ams Sensors Germany’s
color sensors: measurement of light –
chromaticity coordinates (XYZ CIE1931,
DIN5033 and similar) or color temperatures
to control and process displays and
backlights (e.g. LED, CCFL)
▪ In combination with ams Sensors Germany’s
color and spectral sensors: measurement of
reflective and/or transmitted light –
chromaticity coordinates (XYZ CIE1931,
DIN5033 and similar) measurement of
objects and surfaces for analyses, quality
management, sorting, etc.
1 GENERAL DESCRIPTION
Transimpedance amplifiers (TIA) used as current-voltage converters ensure continuous signal processing
at high signal frequencies, thus meeting the demands of e.g. automated processes. They are best suited
to synchronous measuring procedures in the kilohertz range, where fast converters are required to scan
optical signals. Examples include sensors for quality testing in inline manufacturing processes or those in
touchless handheld devices. ams Sensors Germany offers several multichannel TIAs with digital and analog
interface.
The AS89020 is a 12 bit, 4 channel, current input analog-to-digital converter (ADC). It combines currentto-
voltage (TIA) and analog-to-digital (AD) conversion, so that 4 separate current output devices
(e.g. photodiodes) can be directly connected to its inputs and digitized.
For each of the 4 inputs the AS89020 provides an input amplifier with a track and hold circuit. The outputs
of the track and hold stages are serial converted to 12 bit digital words using an analog-to-digital converter
(ADC).
The 12 bit conversion results are available via SPI at a frequency up to 16 MHz and a conversion time as
low as 1 μs per channel.
The input amplifier is separately programmable for each channel in 17 stages. This results in a
programmable full-scale range for the ADC from 11.7 nA to 12 μA and a sensitivity up to 2.8 pA/LSB.
Input currents of both polarities can be fed to each of the input amplifiers. The adjustment is realized by
digital programming of each channel separately via standard SPI-interface.
All reference voltages are implemented internally; only some external passive devices are needed to
complete their operating mode.
The AS89020 supports Power Down functions for low power solutions.
Based on the high flexibility the AS89020 is suitable as a converter for a wide range of multi-channel
optoelectronic sensors (UV, VIS, NIR, IR) or other sensors with current output. The device achieves a high
dynamic range.
The combination of ams Sensors Germany’s color sensors with AS89020 is excellently suited especially for
fast color measurement and control in printing and automation, for mobile color measurement devices but
also for photometry applications (brightness, color coordinate and/or color temperature), for determining
current values for control of spectrally mixed LED light sources or as sensors for display and (back)light
calibration and mobile devices for light measurement.
The sensor compact signal IC is available in a SSOP20 package and or as bar die on request.




Similar Part No. - AS89020

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
AS89000 AMSOSRAM-AS89000 Datasheet
1Mb / 16P
Multi-channel programmable gain transimpedance amplifier
V3.01
logo
ams AG
AS89010 AMSCO-AS89010 Datasheet
1Mb / 42P
16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
2017-07-06
logo
ams-OSRAM AG
AS89010 AMSOSRAM-AS89010 Datasheet
2Mb / 43P
16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
2017-07-06
logo
Coilcraft lnc.
AS8908-A COILCRAFT-AS8908-A Datasheet
132Kb / 2P
ADSL Transformers
AS8908-A COILCRAFT-AS8908-A Datasheet
186Kb / 2P
ADSL Transformers
More results


Similar Description - AS89020

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8767 PHILIPS-TDA8767 Datasheet
129Kb / 20P
12-bit high-speed Analog-to-Digital Converter ADC
1999 Feb 16
TDA8768 PHILIPS-TDA8768 Datasheet
126Kb / 20P
12-bit high-speed Analog-to-Digital Converter ADC
1998 Aug 26
logo
Burr-Brown (TI)
ADS7832 BURR-BROWN-ADS7832 Datasheet
299Kb / 15P
Autocalibrating, 4-Channel, 12-Bit ANALOG-TO-DIGITAL CONVERTER
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7621 BURR-BROWN-DAC7621 Datasheet
458Kb / 11P
12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
ADC7802 BURR-BROWN-ADC7802 Datasheet
102Kb / 13P
Autocalibrating, 4-Channel, 12-Bit ANALOG-TO-DIGITAL CONVERTER
ADS7803 BURR-BROWN-ADS7803 Datasheet
99Kb / 13P
Autocalibrating, 4-Channel, 12-Bit ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8768A PHILIPS-TDA8768A Datasheet
1Mb / 32P
12-bit, 70 Msps Analog-to-Digital Converter (ADC)
Rev. 02-03 July 2002
logo
Texas Instruments
DAC7611PBG4 TI-DAC7611PBG4 Datasheet
321Kb / 17P
12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7621 TI1-DAC7621_15 Datasheet
1Mb / 16P
12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com