Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89020 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # AS89020
Description  4-channel, current input 12 bit analog-to-digital converter (ADC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89020 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button AS89020 Datasheet HTML 6Page - ams-OSRAM AG AS89020 Datasheet HTML 7Page - ams-OSRAM AG AS89020 Datasheet HTML 8Page - ams-OSRAM AG AS89020 Datasheet HTML 9Page - ams-OSRAM AG AS89020 Datasheet HTML 10Page - ams-OSRAM AG AS89020 Datasheet HTML 11Page - ams-OSRAM AG AS89020 Datasheet HTML 12Page - ams-OSRAM AG AS89020 Datasheet HTML 13Page - ams-OSRAM AG AS89020 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ams.com
db09284e_V3.01_preliminary_2017-07-06
Page 8 of 30
AS89020
V3.01
PARAMETER
NAME
MIN
TYP
MAX
UNIT
CONDITION5
Absolute Tolerance of the
equivalent ADC Reference
Current
TOLIFSR
-5
10
%
REXT = 200 kΩ
TAMB = 25°C
-1.5
1.5
SW_RX ≤ ,01hex’
-1
1
SW_RX > ,01hex’
Gain Matching Error
EGMATCH
-2.5
2.5
%
Linearity Error
LIN
-0.5
0.5
%
Start-Up Time after switch off
Power Down Mode
tSUPDOFF
200
ms
Start-Up Time after
OSR:PD = from ,1’ to
,0’ and/or PDN =
from VSS to VDD –
depends on CLVBH,
CLVRT, CLVRH and
CLVRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com