Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89020 Datasheet(PDF) 25 Page - ams-OSRAM AG

Part # AS89020
Description  4-channel, current input 12 bit analog-to-digital converter (ADC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89020 Datasheet(HTML) 25 Page - ams-OSRAM AG

Back Button AS89020 Datasheet HTML 21Page - ams-OSRAM AG AS89020 Datasheet HTML 22Page - ams-OSRAM AG AS89020 Datasheet HTML 23Page - ams-OSRAM AG AS89020 Datasheet HTML 24Page - ams-OSRAM AG AS89020 Datasheet HTML 25Page - ams-OSRAM AG AS89020 Datasheet HTML 26Page - ams-OSRAM AG AS89020 Datasheet HTML 27Page - ams-OSRAM AG AS89020 Datasheet HTML 28Page - ams-OSRAM AG AS89020 Datasheet HTML 29Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
ams.com
db09284e_V3.01_preliminary_2017-07-06
Page 23 of 30
AS89020
V3.01
7 EXAMPLES OF COMMUNICATION VIA SPI
After a power-up, the device is in the default configuration state. The user can now set up the device for
the application by writing control register. Success of the configuration can be proven by reading the control
register.
Before a measurement can be started, the device must change its state to the measurement state. The
last three bits of OSR:DOS must be loaded with ,011b’. Now a conversion can be started, it will start
accordingly to the falling edge of signal CSN or CONVN after tracking the input signals.
In order to change configuration settings the user has to switch back to the configuration state first.
Some examples of usual SPI communication sequences are shown in the following figures.
a.) Example of Configuration SPI sequences
First of all it is possible to enable the tracking phase (OSR:TRACK = ,1b’)
To show a register read process, the address ,02h’ is chosen (AGEN).
S
WA
WD
RA
X
SDI
S
00h
80h
02h
X
SDO
S
XXh
XXh
XXh
X
During sending the three SDI bytes three SDO bytes are received. In this case these SDO bytes are of no
relevance.
In the next cycle the first received byte on SDO is ,02h’. The following 2 byte are meaningless. The first
transmitted 2 bytes on SDI are always for a “register write” cycle. In the example only a read (SDO) is
relevant. No register write should occur, since this the write address (WA) is ,01h’ (not defined write
register). The write data (WD) in the second byte is meaningless. Since no additional register should be
read, the read address (RA) in byte 3 is also meaningless.
S
WA
WD
RA
X
SDI
S
01h
XXh
XXh
X
SDO
S
02h
XXh
XXh
X
b.) Example of Changing to Measurement State
To proceed the AS89020 switches to the measurement state the OSR:DOS is set to ,03h’. OSR:TRACK is
set to ,1b’ to keep tracking active. After all OSR is set to ,83h’. The read address of third byte at SDI is
meaningless, because of the format change to two bytes during measurement state (see chapter 5.8).
S
WA
WD
RA
X
SDI
S
00h
83h
XXh
X
SDO
S
XXh
XXh
XXh
X
The three SDO bytes are of no relevance.
c.) Example of Measurement SPI sequences
After the last transferred byte at SDI (3rd byte of example b), the next falling edge of the chip select signal
CSN stops the tracking and samples the input signals of all 4 channels. The clock signal SCLK starts the
conversion and also immediately the read out of conversion result byte-by-byte. At the same time the input
stream at SDI for write address WA and write data WD could be for the register OSR with no operation or
no change (WA = ,00h’ and WD = ,00h’). In order to start a new tracking cycle the last data byte WD
should be ,80h’.
S
WA
WD
WA
WD
WA
WD
WA
WD
X
SDI
S
00h
00h
00h
00h
00h
00h
00h
80h
X
SDO
S
CH0[15:0]
CH1[15:0]
CH2[15:0]
CH3[15:0]
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com