Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89020 Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # AS89020
Description  4-channel, current input 12 bit analog-to-digital converter (ADC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89020 Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button AS89020 Datasheet HTML 11Page - ams-OSRAM AG AS89020 Datasheet HTML 12Page - ams-OSRAM AG AS89020 Datasheet HTML 13Page - ams-OSRAM AG AS89020 Datasheet HTML 14Page - ams-OSRAM AG AS89020 Datasheet HTML 15Page - ams-OSRAM AG AS89020 Datasheet HTML 16Page - ams-OSRAM AG AS89020 Datasheet HTML 17Page - ams-OSRAM AG AS89020 Datasheet HTML 18Page - ams-OSRAM AG AS89020 Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
ams.com
db09284e_V3.01_preliminary_2017-07-06
Page 13 of 30
AS89020
V3.01
Figure 4: timing diagram of the analog-to-digital conversion
Figure 5: start of conversion with CONV or CSN
The accuracy of the AD conversion is determined by different effects. The duration of the tracking phase
(tTRACK) is very important for the accuracy of the current-to-digital conversion result and should not be
shorter than specified. To achieve the best possible accuracy, the SPI clock fSCLK should be not higher than
10MHz and the time tCSNS should be at least 2.5 µs. If the AS89020 is used with a power supply under
2.9 V, it is recommended that CREG: SETVB bit is set to ,1b’ to achieve the full accuracy of ADC.
TRACKING
HOLD / CONVERSION
SDO
b13
b14
b15
OSR=80h
b8
b1
b6
b7
b0
00h → continue with the
conversion of next channel
00h
→ continue with the conversion
80h
→ continue with new tracking
OSR = ,00
h’: continuation of the conversion of the next channel
OSR = ,80
h’: stop of the conversion and start of a new tracking
SDI
SCLK
CSN
TRACKING
HOLD / CONVERSION
CONVN
CSN
SCLK
SDO
BI T5
BI T6
BI T7
Start of Conversion with CONV (CREG:STARTSIG = ,1')
OSR=80h
INX
X
TRACKING
HOLD / CONVERSION
CONVN
CSN
SCLK
SDO
BI T5
BI T6
BI T7
Start of Conversion with CSN (CREG:STARTSIG = ,0')
OSR=80h
INX
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com