Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89020 Datasheet(PDF) 22 Page - ams-OSRAM AG

Part # AS89020
Description  4-channel, current input 12 bit analog-to-digital converter (ADC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89020 Datasheet(HTML) 22 Page - ams-OSRAM AG

Back Button AS89020 Datasheet HTML 18Page - ams-OSRAM AG AS89020 Datasheet HTML 19Page - ams-OSRAM AG AS89020 Datasheet HTML 20Page - ams-OSRAM AG AS89020 Datasheet HTML 21Page - ams-OSRAM AG AS89020 Datasheet HTML 22Page - ams-OSRAM AG AS89020 Datasheet HTML 23Page - ams-OSRAM AG AS89020 Datasheet HTML 24Page - ams-OSRAM AG AS89020 Datasheet HTML 25Page - ams-OSRAM AG AS89020 Datasheet HTML 26Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ams.com
db09284e_V3.01_preliminary_2017-07-06
Page 20 of 30
AS89020
V3.01
CREG
NAME
VALUE [B]
DESCRIPTION
19
input current direction is into the inputs INX – common
cathode photodiodes (see Figure 15 (a))
09
the falling edge of the signal CSN captures the sample
of the input signals at all INX
1
the falling edge of the signal CONVN captures the
sample of the input signals at all INX
09
set for a supply voltage > 2.9 V
1
set for a supply voltage <= 2.9 V
bit 2-0
00010
reserved; these bits must be set to ,000b’ otherwise the
operation of the AS89020 fails
For better understanding of the proper use of CREG:TCOMPENA please see chapter 5.7.
The bit CREG:OFFGEN enables an internal offset generation for the input currents of all INX and for their
conversion results. It helps to measure very low (e.g. zero) input currents even in presence of a negative
leakage current at the inputs INX, which would normally lead to an underflow. The conversion result under
ideal conditions (no device offsets and no leakage currents) would lead to a decimal value of 63 (,3Fh’).
This must be considered for the conversion result under real conditions.
The bit CREG:DIR must be set depending on which direction the input current flows of all inputs INX.
For the proper use of the bit CREG:STARTSIG please see chapter 6.4 .
The bit CREG:SETVB is very important to concerning the power supply range of the AS89020, which is
used.
6.5 Transimpedance Register – SW_RX
The transimpedance of each channel can be chosen by setting the register SW_RX, where X stands for the
channel number 0…3, so every channel comes with its own register. The bits SW_RX[3:0] support a binary
subdivision of the transimpedance for each channel. Using additional bit SW_RX[4] some intermediate
stages of a few more transimpedance values can be chosen.
The bit SW_RX[5] is for a special purpose. If SW_RX[5] is set to ‘1b’, the input of the transimpedance
amplifier will disconnected from the appropriate input pin (IN[x]).
So the leftover offset of the internal
chip could be measured. The offset value depends on the settings for the transimpedance defined by
SW_RX[4:].
During the configuration of the transimpedance via SPI the leading bits SW_RX[7:6] should be ,00b’.
Table 11: Registers SW_RX (X = 0…3) – Addresses 07h, 08h, 09h and 0Ah
STAGE
SW_RX[4]
[B]
SW_RX[3:0]
[HEX]
TRANSIMPEDANCE
[MΩ]
ADC REFERENCE CURRENT (FSR)
0
0
0
0.1
12 µA
6·21 µA
110
0
1
0.2
6 µA
6·20 µA
2
0
2
0.4
3 µA
6·2–1 µA
3
0
3
0.8
1.5 µA
6·2–2 µA
4
0
4
1.6
750 nA
6·2–3 µA
10 Default after power-on-reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com