Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89020 Datasheet(PDF) 18 Page - ams-OSRAM AG

Part # AS89020
Description  4-channel, current input 12 bit analog-to-digital converter (ADC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89020 Datasheet(HTML) 18 Page - ams-OSRAM AG

Back Button AS89020 Datasheet HTML 14Page - ams-OSRAM AG AS89020 Datasheet HTML 15Page - ams-OSRAM AG AS89020 Datasheet HTML 16Page - ams-OSRAM AG AS89020 Datasheet HTML 17Page - ams-OSRAM AG AS89020 Datasheet HTML 18Page - ams-OSRAM AG AS89020 Datasheet HTML 19Page - ams-OSRAM AG AS89020 Datasheet HTML 20Page - ams-OSRAM AG AS89020 Datasheet HTML 21Page - ams-OSRAM AG AS89020 Datasheet HTML 22Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ams.com
db09284e_V3.01_preliminary_2017-07-06
Page 16 of 30
AS89020
V3.01
Figure 7: SPI Transfer Mode
The data transfer starts at first with the MSB (bit 7) and ends with LSB (bit 0). During the transfer of at
least 8 bit the signal CSN must be at low level. The signal CSN is allowed to be set back to the high level
between full bytes, if more than one byte of data will be transferred.
In the configuration state (OSR:DOS = ,010b’) the data transfer must always be performed with exactly 3
data bytes. The SPI transfer fails in case of a violation and any further communication also fails. The write
address (WA) has to be 6.5 sent as the first byte, the second byte contains the data which is to be written
(WD) and the third byte is the read address (RA) which is to be read in the next transmission cycle. The
first data byte at SDO always contains the data (RD) of the address which has been selected by the read
address (RA) of the previous transmission cycle (see Figure 8).
Figure 8: Configuration State – Example of the SPI Data Transfer Cycle
Writing OSR:DOS = ,011b’ causes the change to measurement state.
In the measurement state the read address is not required, so per transfer cycle only 2 data bytes must
be transferred via SDI. The first byte contains the write address and the second byte the write data. Usually
the OSR register should be written. The write address (WA) is ,00h’ and the write data (WD) for no operation
or no change is ,00h’. If a new tracking will be started, the write data (WA must be set to ,80h’. The
returned data (on SDO) in the measurement state are the output data (OD) of the AD conversion. Figure
9 shows an example of three transfer cycles within the measurement state. However, it is recommended
to pause at least one clock cycle between each transfer of two bytes for a better accuracy of the AD
conversion. The read out order of the conversion result registers will be defined by the Register CH_ORDER
(see chapter 0).
1
2
3
data alteration
data acquisition
SCLK
SDI/SDO
WA-1
WD-1
RA-1
RD-0(RA-0)
WA-2
WD-2
RA-2
RD-1(RA-1)
SDI
SDO
SCLK
CSN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com