Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89020 Datasheet(PDF) 23 Page - ams-OSRAM AG

Part # AS89020
Description  4-channel, current input 12 bit analog-to-digital converter (ADC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89020 Datasheet(HTML) 23 Page - ams-OSRAM AG

Back Button AS89020 Datasheet HTML 19Page - ams-OSRAM AG AS89020 Datasheet HTML 20Page - ams-OSRAM AG AS89020 Datasheet HTML 21Page - ams-OSRAM AG AS89020 Datasheet HTML 22Page - ams-OSRAM AG AS89020 Datasheet HTML 23Page - ams-OSRAM AG AS89020 Datasheet HTML 24Page - ams-OSRAM AG AS89020 Datasheet HTML 25Page - ams-OSRAM AG AS89020 Datasheet HTML 26Page - ams-OSRAM AG AS89020 Datasheet HTML 27Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
ams.com
db09284e_V3.01_preliminary_2017-07-06
Page 21 of 30
AS89020
V3.01
STAGE
SW_RX[4]
[B]
SW_RX[3:0]
[HEX]
TRANSIMPEDANCE
[MΩ]
ADC REFERENCE CURRENT (FSR)
5
0
5
3.2
375 nA
6·2–4 µA
6
0
6
6.4
187.5 nA
6·2–5 µA
7
0
7
12.8
93.75 nA
6·2–6 µA
8
0
8
25.6
46.875 nA
6·2–7 µA
9
0
9
51.2
23.4375 nA
6·2–8 µA
10-15
0
A, B, C, D, E, F
102.4
11.71875 nA
6·2–9 µA
16-20
1
0, 1, 2, 3, 4
2.4
500 nA
4·2–3 µA
21
1
5
4.8
250 nA
4·2–4 µA
22
1
6
9.6
125 nA
4·2–5 µA
23
1
7
19.2
62.5 nA
4·2–6 µA
24
1
8
38.4
31.25 nA
4·2–7 µA
25-31
1
9, A, B, C, D, E,
F
76.8
15.625 nA
4·2–8 µA
6.6 Channel Power Down Register – CH_PD
The Power Down setting for each transimpedance amplifier channel separately or their combination can be
programmed in register CH_PD as shown in Table 12. It is valid as long as the bit OSR:PD = ,0b’ and the
pin PDN = VDD.
A Power Down for the whole device can be activated by setting bit OSR:PD to ,1b’ or PDN = VDD, which
overrides the channel Power Down settings via register CH_PD (see also chapter 5.3).
Table 12: Register CH_PD – Address 0Bh
CH_PD
NAME
VALUE [B]
DESCRIPTION
bit 7 to 4
000011
reserved
000011
all channels active
XXX1
Power Down mode for channel 0
XX1X
Power Down mode for channel 1
X1XX
Power Down mode for channel 2
1XXX
Power Down mode for channel 3
11 Default after power-on-reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com