Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89020 Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # AS89020
Description  4-channel, current input 12 bit analog-to-digital converter (ADC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89020 Datasheet(HTML) 5 Page - ams-OSRAM AG

  AS89020 Datasheet HTML 1Page - ams-OSRAM AG AS89020 Datasheet HTML 2Page - ams-OSRAM AG AS89020 Datasheet HTML 3Page - ams-OSRAM AG AS89020 Datasheet HTML 4Page - ams-OSRAM AG AS89020 Datasheet HTML 5Page - ams-OSRAM AG AS89020 Datasheet HTML 6Page - ams-OSRAM AG AS89020 Datasheet HTML 7Page - ams-OSRAM AG AS89020 Datasheet HTML 8Page - ams-OSRAM AG AS89020 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ams.com
db09284e_V3.01_preliminary_2017-07-06
Page 3 of 30
AS89020
V3.01
1 GENERAL DESCRIPTION
Transimpedance amplifiers (TIA) used as current-voltage converters ensure continuous signal processing
at high signal frequencies, thus meeting the demands of e.g. automated processes. They are best suited
to synchronous measuring procedures in the kilohertz range, where fast converters are required to scan
optical signals. Examples include sensors for quality testing in inline manufacturing processes or those in
touchless handheld devices. ams Sensors Germany offers several multichannel TIAs with digital and analog
interface.
The AS89020 is a 12 bit, 4 channel, current input analog-to-digital converter (ADC). It combines current-
to-voltage (TIA) and analog-to-digital (AD) conversion, so that 4 separate current output devices
(e.g. photodiodes) can be directly connected to its inputs and digitized.
For each of the 4 inputs the AS89020 provides an input amplifier with a track and hold circuit. The outputs
of the track and hold stages are serial converted to 12 bit digital words using an analog-to-digital converter
(ADC).
The 12 bit conversion results are available via SPI at a frequency up to 16 MHz and a conversion time as
low as 1 µs per channel.
The input amplifier is separately programmable for each channel in 17 stages. This results in a
programmable full-scale range for the ADC from 11.7 nA to 12 µA and a sensitivity up to 2.8 pA/LSB.
Input currents of both polarities can be fed to each of the input amplifiers. The adjustment is realized by
digital programming of each channel separately via standard SPI-interface.
All reference voltages are implemented internally; only some external passive devices are needed to
complete their operating mode.
The AS89020 supports Power Down functions for low power solutions.
Based on the high flexibility the AS89020 is suitable as a converter for a wide range of multi-channel
optoelectronic sensors (UV, VIS, NIR, IR) or other sensors with current output. The device achieves a high
dynamic range.
The combination of ams Sensors Germany’s color sensors with AS89020 is excellently suited especially for
fast color measurement and control in printing and automation, for mobile color measurement devices but
also for photometry applications (brightness, color coordinate and/or color temperature), for determining
current values for control of spectrally mixed LED light sources or as sensors for display and (back)light
calibration and mobile devices for light measurement.
The sensor compact signal IC is available in a SSOP20 package and or as bar die on request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com