Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89020 Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # AS89020
Description  4-channel, current input 12 bit analog-to-digital converter (ADC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89020 Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button AS89020 Datasheet HTML 12Page - ams-OSRAM AG AS89020 Datasheet HTML 13Page - ams-OSRAM AG AS89020 Datasheet HTML 14Page - ams-OSRAM AG AS89020 Datasheet HTML 15Page - ams-OSRAM AG AS89020 Datasheet HTML 16Page - ams-OSRAM AG AS89020 Datasheet HTML 17Page - ams-OSRAM AG AS89020 Datasheet HTML 18Page - ams-OSRAM AG AS89020 Datasheet HTML 19Page - ams-OSRAM AG AS89020 Datasheet HTML 20Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ams.com
db09284e_V3.01_preliminary_2017-07-06
Page 14 of 30
AS89020
V3.01
5.6 Input amplifier
The input amplifier has a low-pass characteristic. The bandwidth of amplifiers depends on the selected gain
via the registers SW_RX (see Table 3). Therefore the bandwidth has a significant influence of value which
is sampled and converted. The bandwidth determines the settling time tSET which is required from the input
amplifier to provide a stable signal for an accuracy of 12 bits at its output. The time tSET can be estimated
with following formula.
������������������������ ~
9
2 ∗ ������ ∗ ������3������������
tSET: settling time to achieve 12 bit accuracy
f3dB: Bandwidth of input amplifier (see Table 3)
Table 5 shows the values for the settling time tSET for the individual gain stages. These values are calculated
with the minimal bandwidth of input amplifier.
Table 5: settling time tSET
STAGE (see Table 11)
MIN. BANDWIDTH
SETTLING TIME tSET
0
170
kHz
8.4
µs
1
100
kHz
14.3
µs
2
50
kHz
28.6
µs
3
40
kHz
35.8
µs
4
25
kHz
57.3
µs
5
15
kHz
95.5
µs
6
12
kHz
119.4
µs
7
8
kHz
179.0
µs
8
4
kHz
358.1
µs
9
2
kHz
716.2
µs
10-15
1.2
kHz
1193.7
µs
16-20
20
kHz
71.6
µs
21
12
kHz
119.4
µs
22
10
kHz
143.2
µs
23
6
kHz
238.7
µs
24
3
kHz
477.5
µs
Figure 6 shows the effect of settling time tSET on the conversion result. For the AD conversion the actual
value is sampled from output of the input amplifier by track and hold circuit. The conversion result always
corresponds to the low-pass characteristic of the input amplifier. This is especially taken into account when
the sample taken inside the settling time tSET or frequency of the input signal is close to the bandwidth of
input amplifier. The AD conversion takes place at an accuracy of 12 Bits, regardless of the bandwidth of
input amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com