Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89020 Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # AS89020
Description  4-channel, current input 12 bit analog-to-digital converter (ADC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89020 Datasheet(HTML) 3 Page - ams-OSRAM AG

  AS89020 Datasheet HTML 1Page - ams-OSRAM AG AS89020 Datasheet HTML 2Page - ams-OSRAM AG AS89020 Datasheet HTML 3Page - ams-OSRAM AG AS89020 Datasheet HTML 4Page - ams-OSRAM AG AS89020 Datasheet HTML 5Page - ams-OSRAM AG AS89020 Datasheet HTML 6Page - ams-OSRAM AG AS89020 Datasheet HTML 7Page - ams-OSRAM AG AS89020 Datasheet HTML 8Page - ams-OSRAM AG AS89020 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
⚖ Production data information is current as of publication date. Products conform to specifications per the terms of ams Sensors Germany GmbH. The information in this document is
subject of change without notice, please confirm that this is the latest version. Please check with a ams Sensors Germany sales representative for availability and further information.
Full legal notices can be found on the final page.
DATASHEET
AS89020
4-channel, current input 12 bit analog-to-digital converter (ADC)
SSOP20
Order No.: 305040004
Status: preliminary
FEATURES
▪
Conversion of 4 sensor signals of
photodiodes (e.g. RGB/XYZ color plus one
blank channel for compensation of parasitic
currents or temperature conversion) or other
sensors with current signal output
▪
12 bit signal resolution at an achievable
sensitivity of up to 2.8 pA/LSB
▪
Programmable full-scale range from 11.7 nA
to 12 µA
▪
Sampling rate up to 100 kS/s for all
channels
▪
Measurement of positive and negative
currents
▪
Up to 16 MHz fast SPI-interface
▪
High amplification linearity, no cross talk
▪
High absolute accuracy and reliability
without additional sources
▪
Supply and temperature independent
performance
▪
Supply voltage from 2.7 V to 3.6 V
▪
Temperature range from -25 °C to 85 °C
▪
Deliverable in standard SSOP20 package
APPLICATIONS
▪
Precise conversion of photo current for
optical sensors and arrays (e.g. UV, VIS, IR)
and other sensors with current output
▪
In combination with ams Sensors Germany’s
color sensors or other multi-channel pin-
diodes: measurement of surfaces and
distances
▪
In combination with ams Sensors Germany’s
color sensors: measurement of light –
chromaticity coordinates (XYZ CIE1931,
DIN5033 and similar) or color temperatures
to control and process displays and
backlights (e.g. LED, CCFL)
▪
In combination with ams Sensors Germany’s
color and spectral sensors: measurement of
reflective and/or transmitted light –
chromaticity coordinates (XYZ CIE1931,
DIN5033 and similar) measurement of
objects and surfaces for analyses, quality
management, sorting, etc.
TYPICAL MARKETS
▪
Lighting SSL and photometry
▪
Industrial/commercial lighting
▪
Chemical and biochemical analyses
▪
Industrial process control
▪
Medical and environment instrumentation
▪
Infotainment (backlights and video walls)
and monitors
▪
High quality consumer displays and tablets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com