Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89020 Datasheet(PDF) 19 Page - ams-OSRAM AG

Part # AS89020
Description  4-channel, current input 12 bit analog-to-digital converter (ADC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89020 Datasheet(HTML) 19 Page - ams-OSRAM AG

Back Button AS89020 Datasheet HTML 15Page - ams-OSRAM AG AS89020 Datasheet HTML 16Page - ams-OSRAM AG AS89020 Datasheet HTML 17Page - ams-OSRAM AG AS89020 Datasheet HTML 18Page - ams-OSRAM AG AS89020 Datasheet HTML 19Page - ams-OSRAM AG AS89020 Datasheet HTML 20Page - ams-OSRAM AG AS89020 Datasheet HTML 21Page - ams-OSRAM AG AS89020 Datasheet HTML 22Page - ams-OSRAM AG AS89020 Datasheet HTML 23Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
ams.com
db09284e_V3.01_preliminary_2017-07-06
Page 17 of 30
AS89020
V3.01
Figure 9: Measurement State – Example of the SPI Data Transfer Cycle
A return from measurement state to configuration state via programming OSR (OSR:DOS = ,010b’) always
resets all control registers to their default value except the register OSR itself.
6 DESCRIPTION OF REGISTERS
6.1 Control Register Bank
Table 6 shows an overview of the internal registers which can be accessed via SPI-interface. The
Operational State Register OSR is the only register, which can be written in both states - configuration and
measurement state, but it cannot be read. Reading of an inexistent or only writable register always returns
the value ,00h’. Table 7 shows the addressable register space of the AS89020.
Table 6: Register Access Overview
ADDRESS
[HEX]
ACCESS IN CONFIGURATION
STATE
ACCESS IN MEASUREMENT STATE
WRITE
READ
WRITE
READ
00
OSR
–
OSR
01
–
–
02
–
AGEN
–
03
–
–
04
–
–
05
–
–
06
CREG
–
07
SW_R0
–
08
SW_R1
–
09
SW_R2
–
0A
SW_R3
–
0B
CH_PD
–
0C
CH_ORDER
–
0D
–
–
0E
–
–
0F
–
–
WD-1
OD-1
WD-2
OD-2
WD-3
OD-3
WA-2
WA-3
WA-1
SDI
SDO
SCLK
CSN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com