Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89020 Datasheet(PDF) 27 Page - ams-OSRAM AG

Part # AS89020
Description  4-channel, current input 12 bit analog-to-digital converter (ADC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89020 Datasheet(HTML) 27 Page - ams-OSRAM AG

Back Button AS89020 Datasheet HTML 23Page - ams-OSRAM AG AS89020 Datasheet HTML 24Page - ams-OSRAM AG AS89020 Datasheet HTML 25Page - ams-OSRAM AG AS89020 Datasheet HTML 26Page - ams-OSRAM AG AS89020 Datasheet HTML 27Page - ams-OSRAM AG AS89020 Datasheet HTML 28Page - ams-OSRAM AG AS89020 Datasheet HTML 29Page - ams-OSRAM AG AS89020 Datasheet HTML 30Page - ams-OSRAM AG AS89020 Datasheet HTML 31Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
ams.com
db09284e_V3.01_preliminary_2017-07-06
Page 25 of 30
AS89020
V3.01
8.2 Pin Configuration
Figure 12: Pin Configuration
8.3 Packing Information
Standard packing is tape and reel or tube. Otherwise it has to be discussed with our sales team.
Figure 13: Standard packing
8.4 Soldering Information
Table 16: Profile features according JEDEC
IPC/JEDEC J-STD-020D.1
(Pb-Free)
RECOMMENDED
DATA
Time [s] from 150°C to 200°C (preheat)
60 – 120
100
Average ramp-up rate [°C/s]
(200°C to peak temperature)
max. 3.0
0.5 – 1.0
Liquid’s temperature [°C]
Time [s] above liquid’s (217°C)
217
60 – 150
217
110
TP Peak package body temperature [°C]
max. 260
≤ 260
Time [s] within 5°C of the classification temperature TC
min. 30
35 – 45
Tape Drawout Direction
Pin 1
SSOP20 MO-137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com