Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89020 Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # AS89020
Description  4-channel, current input 12 bit analog-to-digital converter (ADC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89020 Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button AS89020 Datasheet HTML 7Page - ams-OSRAM AG AS89020 Datasheet HTML 8Page - ams-OSRAM AG AS89020 Datasheet HTML 9Page - ams-OSRAM AG AS89020 Datasheet HTML 10Page - ams-OSRAM AG AS89020 Datasheet HTML 11Page - ams-OSRAM AG AS89020 Datasheet HTML 12Page - ams-OSRAM AG AS89020 Datasheet HTML 13Page - ams-OSRAM AG AS89020 Datasheet HTML 14Page - ams-OSRAM AG AS89020 Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
ams.com
db09284e_V3.01_preliminary_2017-07-06
Page 9 of 30
AS89020
V3.01
3 BLOCK DIAGRAM
The main components of the AS89020 are shown in Figure 2. The input currents are amplified by
independently programmable transimpedance amplifiers. All channels are simultaneously sampled and
sequentially converted to digital data by a 12 bit successive approximation analog-to-digital converter
(SAR). The integrated SPI interface is used to program the trans-impedance amplifiers and control the
analog-to-digital converter. The results of the analog-to-digital conversion are also available via SPI
interface. Reference currents (pin REXT) and reference voltages (VBH, VRH, VRL, VRT) for the ADC and
the transimpedance amplifiers are all implemented internally. It is recommended to use the voltage VRT
as a reference voltage for the external photodiodes. External capacitances are required on four reference
voltage pins to achieve an optimal noise suppression for the analog-to-digital conversion.
The input CONVN can be used for externally triggered sampling of the input signal currents. The AS89020
can be switched into the Power Down mode via the pin PDN.
Figure 2: Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com