Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89020 Datasheet(PDF) 21 Page - ams-OSRAM AG

Part # AS89020
Description  4-channel, current input 12 bit analog-to-digital converter (ADC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89020 Datasheet(HTML) 21 Page - ams-OSRAM AG

Back Button AS89020 Datasheet HTML 17Page - ams-OSRAM AG AS89020 Datasheet HTML 18Page - ams-OSRAM AG AS89020 Datasheet HTML 19Page - ams-OSRAM AG AS89020 Datasheet HTML 20Page - ams-OSRAM AG AS89020 Datasheet HTML 21Page - ams-OSRAM AG AS89020 Datasheet HTML 22Page - ams-OSRAM AG AS89020 Datasheet HTML 23Page - ams-OSRAM AG AS89020 Datasheet HTML 24Page - ams-OSRAM AG AS89020 Datasheet HTML 25Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
ams.com
db09284e_V3.01_preliminary_2017-07-06
Page 19 of 30
AS89020
V3.01
OPERATIONAL
STATE
REGISTER OSR
NAME
VALUE [B]
AFFECTED OPERATIONAL STATE
bit 2 to 0
DOS
(Device
Operational
State)
000
NOP (no operation)
001
reserved
0108
operational state: configuration
011
operational state: measurement
1XX
reserved
The bits OSR:DOS switch the operational state of the device between configuration and measurement. The
configuration state enables the access to the control register bank (Table 7). In this state no measurement
can be performed. The measurements can only be performed in the measurement state. In this state any
access to the control register bank (except OSR) is not possible. The control registers will be reset to their
default values when the operational state is switched back to the configuration state.
The start of the measurement is controlled by the setting of the bit OSR:TRACK, which is only evaluated in
the measurement state.
The Power Down mode is controlled by the setting of the OSR:PD. The Power Down mode takes effect in
both operational states. The active Power Down state in measurement state can be used between two
consecutive measurements. The start-up time tSUPDOFF is to be considered before the new conversion can
be started.
6.3 API Generation Register – AGEN
The value of this read-only register indicates the generation of the control register bank. The register’s
value changes whenever any formal modification is introduced to the control register bank. This case
indicates that the Application Programming Interface (API) has been changed.
Table 9: Register AGEN – Address 02h
AGEN
Name
Value [b]
Description
bit 7 to 4
DEVID
0100
device ID number; the value ,0100b’ is reserved for
AS89020 devices
Bit 3 to 0
MUT
0000
version number of control register bank
6.4 Configuration Register – CREG
The register CREG configured the main characteristics of AS89020.
Table 10: Register CREG - Address 06h
CREG
NAME
VALUE [B]
DESCRIPTION
0
disable the temperature compensation
19
enable the temperature compensation
09
no offset signal will be generated at all inputs INX
1
generates offset signal of ,63dec’ for all inputs INX
0
input current direction is out of the inputs INX –
common anode photodiodes (see Figure 15 (b))
9 Default after power-on-reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com