Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89020 Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # AS89020
Description  4-channel, current input 12 bit analog-to-digital converter (ADC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89020 Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button AS89020 Datasheet HTML 10Page - ams-OSRAM AG AS89020 Datasheet HTML 11Page - ams-OSRAM AG AS89020 Datasheet HTML 12Page - ams-OSRAM AG AS89020 Datasheet HTML 13Page - ams-OSRAM AG AS89020 Datasheet HTML 14Page - ams-OSRAM AG AS89020 Datasheet HTML 15Page - ams-OSRAM AG AS89020 Datasheet HTML 16Page - ams-OSRAM AG AS89020 Datasheet HTML 17Page - ams-OSRAM AG AS89020 Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ams.com
db09284e_V3.01_preliminary_2017-07-06
Page 12 of 30
AS89020
V3.01
5.4 AD Converter
The AS89020 utilizes the ADC for the on-chip analog-to-digital conversion of the input current. The full-
scale range current of the ADC is defined by 2 values. One important value is the current, which flows
through the pin REXT (direction out of the pin).The second part of the definition of full-scale range current
of ADC is the adjustment of the full-scale range using register SW_RX (see Table 3 and Table 11).
The digital data of the ADC output can be defined as
������������������������ =
������(������������������)
������������������������������
× 212 + ������������������������������������������
I(INX):
input current at pin INX
IREFX:
equivalent reference current or equivalent FSR for channel X (see chapter 2.3 Table 3)
DOFFGEN: 0 if bit CREG:OFFGEN =,0b ’
63 if bit CREG:OFFGEN =,1b’ (see Table 10 and see chapter 6.4 )
OUTX:
digital result of the AD conversion for channel X (possible values: ,000h’ to ,FFFh’ )
The accuracy of the reference current source at pin REXT has a direct influence on the overall ADC
characteristic. This pin has to be connected as suggested by Figure 3. An internal voltage is generated at
pin REXT (typically 1.2 V). The resulting reference current is equal to V(REXT) / 200 kΩ, which is 6 µA. The
overall ADC accuracy is directly influenced by the performance of the external resistor (temperature
coefficient and absolute value and its tolerance).
Figure 3: External Wiring of Pin REXT
5.5 AD Conversion
The AD conversion is only possible in measurement mode (OSR register bit 2 to bit 0 setting to ,011b’).
The operation of conversion is controlled by the signals CSN or CONV (depending on setting of
CREG:STARTSIG), SCLK and the settings in register OSR. The conversion process consist of 2 parts. At first
the output voltages of input amplifiers are simultaneously sampled. Afterwards the sampled values are
converted one after another with the successive approximation (SAR-) ADC.
Every conversion process starts with a tracking phase at a duration of minimal tTRACK (bit OSR:TRACK
=,1b’). The falling edge of CSN or CONV takes a sample of each channel. The sampling occurs only if the
bit OSR:TRACK is set to ,1b.’
The signal SCLK controls the actual analog-to-digital conversion. SCLK is not only the SPI clock during the
conversion, but also the clock signal for the ADC. Parallel to the conversion the transfer of output data
takes place via SPI interface. 16 clock cycles are needed for the conversion of one channel (one sample)
and the transfer of the result. The format of result output is described in Table 14. The further behavior of
the IC is defined by sending 2 byte over SDI for programming the OSR register during the conversion. The
setting ,00h’ of the OSR defines that the conversion of the next channel follows (corresponding to the order
in register CH_ORDER). A setting of ,80h’ starts a new tracking phase after the actual conversion ended.
Figure 4 shows the timing diagram of the conversion cycle in the measurement state. Figure 5 shows the
different sample points for CONVN and CSN. If bit CREG:STARTSIG=,1b’ the signal CONVN can be used to
synchronize the input sampling time point at an external event. If bit CREG:STARTSIG=,0b’ the signal CSN
acts as part of a software command for the start of the conversion while CONVN must stay high in that
case.
V(REXT) / 200 kΩ
200 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com