Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89020 Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # AS89020
Description  4-channel, current input 12 bit analog-to-digital converter (ADC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89020 Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button AS89020 Datasheet HTML 8Page - ams-OSRAM AG AS89020 Datasheet HTML 9Page - ams-OSRAM AG AS89020 Datasheet HTML 10Page - ams-OSRAM AG AS89020 Datasheet HTML 11Page - ams-OSRAM AG AS89020 Datasheet HTML 12Page - ams-OSRAM AG AS89020 Datasheet HTML 13Page - ams-OSRAM AG AS89020 Datasheet HTML 14Page - ams-OSRAM AG AS89020 Datasheet HTML 15Page - ams-OSRAM AG AS89020 Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ams.com
db09284e_V3.01_preliminary_2017-07-06
Page 10 of 30
AS89020
V3.01
4 PIN ASSIGNMENT
The pin assignment is shown in the following table.
Table 4: Pin assignment (Analog/Digital)
PIN
TYPE
A/D
DESCRIPTION
VDDA
power
A
analog power supply voltage
VSSA
power
A
analog ground voltage
VDD
power
D
digital power supply voltage (VDDA = VDD)
VSS
power
D
digital ground voltage (VSSA = VSS)
IN0, IN1, IN2, IN3
input
A
current inputs
REXT
input
A
constant reference current (6 µA) for setting the
full-scale ratio (FSR) of AD conversion
(200 kΩ resistor REXT to VSSA has to be connected)
VRT
output
A
TIA reference voltage – recommended as external
photodiodes bias voltage (cathodes or anodes)
VRH
output
A
ADC high reference voltage
VRL
output
A
ADC low reference voltage
VBH
output
A
internal reference voltage
SCLK
input
D
SPI and ADC clock input (pull-up)
SDI
input
D
SPI data input (pull-up)
SDO
output
D
SPI data output
CSN
input
D
SPI chip select (pull-up and low-active)
CONVN
input
D
start AD conversion (pull-up and low-active)
PDN
input
D
Power Down mode (pull-up and low-active)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com