Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89020 Datasheet(PDF) 26 Page - ams-OSRAM AG

Part # AS89020
Description  4-channel, current input 12 bit analog-to-digital converter (ADC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89020 Datasheet(HTML) 26 Page - ams-OSRAM AG

Back Button AS89020 Datasheet HTML 22Page - ams-OSRAM AG AS89020 Datasheet HTML 23Page - ams-OSRAM AG AS89020 Datasheet HTML 24Page - ams-OSRAM AG AS89020 Datasheet HTML 25Page - ams-OSRAM AG AS89020 Datasheet HTML 26Page - ams-OSRAM AG AS89020 Datasheet HTML 27Page - ams-OSRAM AG AS89020 Datasheet HTML 28Page - ams-OSRAM AG AS89020 Datasheet HTML 29Page - ams-OSRAM AG AS89020 Datasheet HTML 30Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
ams.com
db09284e_V3.01_preliminary_2017-07-06
Page 24 of 30
AS89020
V3.01
Activate or Deactivate Power Down Mode within the Measurement State
Within the measurement state the Power Down mode can be activated and subsequently deactivated by
the following frames.
Activate Power Down Mode:
S
WA
WD
X
SDI
S
00h 40h
X
SDO
S
XXXXh
X
Deactivate Power Down Mode and start Tracking within the Measurement State:
Figure 10: Example of Switching from Measurement State to Configuration State
S
WA
WD
X
SDI
S
00h 80h
X
SDO
S
XXXXh
X
If a new configuration should be set, the device has to change its state back to configuration by writing
,010b’ into the three lowest bits of OSR:DOS (see Table 8). During this action all control registers (except
OSR itself) will reset to their default values. A new configuration cycle can be started now.
S
WA
WD
X
SDI
S
00h 02h
X
SDO
S
XXXXh
X
8 PACKAGE
8.1 Shape & Dimensions
Figure 11: Shape for Package
Table 15: Dimensions for Package (Dimensions are given in Inches, BSC = Basic Spacing between Centers)
TYP
PACKAGE
A
A1
B
C
D
E
e
H
h
L
a°
AS89020
SSOP20
JEDEC
MO-137
0.060
–
0.068
0.004
–
0.008
0.009
–
0.012
0.007
–
0.010
0.337
–
0.344
0.150
–
0.157
0.025
BSC
0.230
–
0.244
0.010
–
0.016
0.016
0°
–
8°
1
D
B
e
SEATING PLANE
L
a°
h x 45°
NOTES:
1. LEAD WIDTH AND LEAD THICKNESS
EXCLUSIVE OF SOLDER PLATE
2. PACKAGE OUTLINE EXCLUSIVE OF MOLD
FLASHES AND BURR DIMENSIONS
3. ALLOWABLE MOLD FLASH IS 5 MILS PER
SIDE
4. LEAD COPLANARITY IS 0.003 INCH MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com