Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89020 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # AS89020
Description  4-channel, current input 12 bit analog-to-digital converter (ADC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89020 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button AS89020 Datasheet HTML 2Page - ams-OSRAM AG AS89020 Datasheet HTML 3Page - ams-OSRAM AG AS89020 Datasheet HTML 4Page - ams-OSRAM AG AS89020 Datasheet HTML 5Page - ams-OSRAM AG AS89020 Datasheet HTML 6Page - ams-OSRAM AG AS89020 Datasheet HTML 7Page - ams-OSRAM AG AS89020 Datasheet HTML 8Page - ams-OSRAM AG AS89020 Datasheet HTML 9Page - ams-OSRAM AG AS89020 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ams.com
db09284e_V3.01_preliminary_2017-07-06
Page 4 of 30
AS89020
V3.01
2 ELECTRICAL CHARACTERISTICS
2.1 Absolute Maximum Ratings
Violations of absolute maximum conditions are not allowed under any circumstances; otherwise the IC can
be destroyed.
All voltages are referenced to VSSA = VSS = 0 V.
Table 1: Maximum conditions
PARAMETER
NAME
MIN
MAX
UNIT
Power Supply (analog)
VDDA
-0.5
5.0
V
Input and Output Voltages (analog)
VIOA
-0.5
VDDA+0.5
V
Power Supply (digital)
VDD
-0.5
5.0
V
Input and Output Voltages (digital)
VIOD
-0.5
VDD+0.5
V
Supply Voltage Difference VDDD-VDDA1
DIFF_VDD
0.3
V
Storage Temperature
TSTG
-55
+150
°C
Weight
m
0.12
g
2.2 Recommended Operating Conditions
Table 2: Operational conditions; VSSA=VSS=0 V
PARAMETER
NAME
MIN
TYP
MAX
UNIT
CONDITION
Supply Voltage
VDDA
VDD
2.7
3.3
3.6
V
|VDDA-VDD|
< 0.3 V
Operating Temperature
TAMB
-25
+85
°C
External Resistor 2
REXT
198
200
202
kΩ
Temperature Coefficient of REXT
TCREXT
15
ppm/
K
Input Capacitance at IN0 to IN3
CPD
50
80
pF
Output Capacitance at VBH
CLVBH
1
10
µF
Output Capacitance at VRT
CLVRT
0.5
5
µF
Output Capacitance at VRH
CLVRH
0.5
5
µF
Output Capacitance at VRL
CLVRL
0.5
5
µF
1 For the digital supply voltage VDD it is not allowed to use a voltage above VDDA + 0.3 V. This condition must also be observed during
the ramp-up time of the supply voltages.
2 The resistor influences the TOLIFSR of the reference current for the signal conversion directly. Therefore the temperature coefficient of
the resistance plays an important role. The smaller the temperature coefficient and the resistor value tolerance (1 % is better than 5 %,
etc.), the more accurate the result is of the conversion process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com